Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OC-A87VT10B Datasheet(PDF) 3 Page - Nel Frequency Controls,inc

Part # OC-A87VT10B
Description  Micro-miniature OCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OC-A87VT10B Datasheet(HTML) 3 Page - Nel Frequency Controls,inc

  OC-A87VT10B Datasheet HTML 1Page - Nel Frequency Controls,inc OC-A87VT10B Datasheet HTML 2Page - Nel Frequency Controls,inc OC-A87VT10B Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635A
CRYSTAL OSCILLATORS
OC-X87XXXXX Series
Micro-miniature OCXO
OC –
X 87 X X XX X
Package Code
OC 0.8x0.5” 4pin (14pin)
Creating a Part Number
FREQUENCY, MHz
Temperature Range
Code
Specification
A
0°C to 50°C
B
-10°C to 60°C
C
0°C to 70°C
D
-20°C to 70°C
E
-30°C to 70°C
F
-40°C to 85°C
Temperature Stability
Code
Specification
05
5x10
-8
10
1x10
-7
28
2.8x10
-7
30
3x10
-7
50
5x10
-7
YZ
YZx10
-8
Supply Voltage
Code
Specification
0
5V ± 5%
A
3.3V ± 5%
F
12V ± 5%
Not all combinations are available. Consult Factory
.
Notes:
1* Higher frequencies can be achieved either by using higher frequency crystals or by low noise analog harmonic
multiplication. Both methods have advantages and drawbacks. If lowest possible phase noise on the noise floor is most important –
high frequency crystal will be used. If phase noise close to the carrier and aging are more important – multiplication will be used.
Please consult factory for your specific requirement.
2* Phase noise deteriorates with frequencies going higher. If analog multiplication is used to achieve higher frequency the
phase noise roughly follows the formula of additional 20LogN, where N is a multiplication factor across entire frequency offset range.
If higher frequency is achieved by using higher frequency crystal phase noise close to the carrier deteriorates due to the lower Q of the
crystal and is usually worse, compared to multiplied solution. On the noise floor, however it remains more or less the same.
Output
Code
Specification
T
TTL/
CMOS
S
Sine
Voltage Control
Code
Specification
V
Voltage
Control
0
No Voltage
Control


Similar Part No. - OC-A87VT10B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-160 VECTRON-OC-160 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
OC-160AAB-109AA-10 VECTRON-OC-160AAB-109AA-10 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
OC-160AAB-109AF-10 VECTRON-OC-160AAB-109AF-10 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
OC-160AAB-109BA-10 VECTRON-OC-160AAB-109BA-10 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
More results

Similar Description - OC-A87VT10B

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
VFT8 ECM-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
logo
List of Unclassifed Man...
VFT8 ETC1-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
logo
CTS Corporation
1914 CTS-1914 Datasheet
199Kb / 5P
   Miniature OCXO
logo
Advanced XTAL Products
AXIOM30-15 AXTAL-AXIOM30-15 Datasheet
87Kb / 2P
   High Stability Miniature OCXO with HCMOS Output
AXIOM37-8 AXTAL-AXIOM37-8 Datasheet
102Kb / 4P
   Low Power Miniature OCXO in DIL8 package
logo
Adam Technologies, Inc.
DE09-SG-22 ADAM-TECH-DE09-SG-22 Datasheet
89Kb / 1P
   MICRO MINIATURE CONNECTOR
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
   OCXO Miniature size with Stratum 3E stability
AXIOM60 AXTAL-AXIOM60 Datasheet
54Kb / 2P
   Miniature OCXO with Stratum III stability option
logo
Raltron Electronics Cor...
OX2551A RALTRON-OX2551A Datasheet
34Kb / 2P
   Miniature OCXO in modified CO-15 package
logo
Adam Technologies, Inc.
DB25-SG-22 ADAM-TECH-DB25-SG-22 Datasheet
87Kb / 1P
   MICRO MINIATURE CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com