Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR-HD-5V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # NR-HD-5V
Description  LONG LIFE RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NR-HD-5V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  NR-HD-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) NR-HD-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) NR-HD-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) NR-HD-5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) NR-HD-5V Datasheet HTML 5Page - Nais(Matsushita Electric Works) NR-HD-5V Datasheet HTML 6Page - Nais(Matsushita Electric Works) NR-HD-5V Datasheet HTML 7Page - Nais(Matsushita Electric Works) NR-HD-5V Datasheet HTML 8Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NR
113
TYPICAL APPLICATIONS
Telecommunications equipment, alarm
devices, machine tools, NC machines, au-
tomatic warehouse control, conveyors,
air-conditioners, pressing machines, tex-
tile machinery, elevators, control panels,
pin-board programmers, parking meters,
industrial robots, detectors, annunciators,
optical instruments, business machines,
time recorders, cash registers, copiers,
vending machines, medical equipment.
ORDERING INFORMATION
EX.
Types of case
(Notes) 1. Power types and 1 Form A types are available on request.
(Notes) 2. For UL/CSA recognized types, delete “N” at head portion of part No. and add suffix UL/CSA, when ordering. Ex. RSD-12V UL/CSA
(Notes) 3. Standard packing Carton: 50 pcs., Case: 500 pcs.
Operating function
H: Sealed
S: Magnetically sealed
Nil: Single side stable
L: 1 coil latching
L2: 2 coil latching
Coil voltage (DC)
5, 6, 12, 24, 42 V
NR-
H
L2
D
12V
TYPES AND COIL DATA (at 25
°C 77°F)
Single side stable (NR-SD)
1 coil latching (NR-SLD)
2 coil latching (NR-SL2D)
(Note) Maximum allowable operating power: 1000 mW at 25
°C 77°F.
Nominal coil
voltage, V DC
Pick-up voltage,
V DC (max.)
Drop-out voltage
V DC (min.)
Maximum
allowable voltage,
V DC (40
°C 104°F)
Coil resistance,
Ω (±10%)
Nominal operating
power, mW
Inductance,
Henrys
5
3.5
0.5
13
170
147
0.050
6
4.7
0.6
14
220
164
0.075
12
9.3
1.2
28
890
162
0.3
24
16
2.4
42
2,000
288
0.66
42
28
4.2
85
8,000
221
2.7
Nominal coil voltage,
V DC
Pick-up voltage,
V DC (max.)
Maximum allowable
voltage,
V DC (40
°C 104°F)
Coil resistance,
Ω (±10%)
Nominal operating
power, mW
Inductance,
Henrys
5
3.5
18
340
74
0.12
6
4.3
20
450
80
0.16
12
8.0
30
1,500
96
0.66
24
17
75
6,000
96
2.4
42
23
110
12,000
147
3.9
Nominal coil voltage,
V DC
Pick-up voltage,
V DC (max.)
Maximum allowable
voltage,
V DC (40
°C 104°F)
Coil resistance,
Ω (±10%)
Nominal operating
power, mW
Inductance,
Henrys
Set coil
Reset coil
5
3.5
13.0
170
170
147
0.024
6
4.3
14.0
225
225
160
0.04
12
8.0
26.0
650
650
230
0.14
24
17.0
50.0
2,700
2,700
213
0.35
42
23.0
75.0
5,500
5,500
321
0.8
DIMENSIONS
General tolerance:
±0.5 ±.020
Tolerance:
±0.2 ±.008
Terminal dimensions (Except soldering)
Soldering: 0.3 .012 max.
2.54
.100
5.1
.201
5.1
.201
5.1
.201
5.1
.201
10
.394
20
.787
3.5
.138
10
.394
3
.118
2.54
.100
2.54
.100
1
2
3
4
5
67
1.3 DIA.
.051 DIA.
Ground terminal
Terminal No.
Thickness
Width
1, 7
0.5
.020
0.6
.024
4
0.3
.012
0.7
.028
2, 3, 5, 6,
ground terminal
0.5 DIA.
.020 DIA.
mm inch


Similar Part No. - NR-HD-5V

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NR-10034 AMPHENOL-NR-10034 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-10044 AMPHENOL-NR-10044 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-10045 AMPHENOL-NR-10045 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-15034 AMPHENOL-NR-15034 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-15044 AMPHENOL-NR-15044 Datasheet
1Mb / 2P
   Rugged Environment Connector
More results

Similar Description - NR-HD-5V

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3SCV MACOM-3SCV Datasheet
230Kb / 2P
   Long-life Haif-size Industrial Relay
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
Illinois Capacitor, Inc...
105SVH050MCR ILLINOISCAPACITOR-105SVH050MCR_16 Datasheet
227Kb / 4P
   Long Life, 2000hours
logo
Everlight Electronics C...
EALP03RDGRA1 EVERLIGHT-EALP03RDGRA1 Datasheet
191Kb / 9P
   Long life feature.
EALP03RDGGA0 EVERLIGHT-EALP03RDGGA0 Datasheet
455Kb / 9P
   Long life feature.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com