Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR-HD-5 Datasheet(PDF) 6 Page - Nais(Matsushita Electric Works)

Part # NR-HD-5
Description  LONG LIFE RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NR-HD-5 Datasheet(HTML) 6 Page - Nais(Matsushita Electric Works)

  NR-HD-5 Datasheet HTML 1Page - Nais(Matsushita Electric Works) NR-HD-5 Datasheet HTML 2Page - Nais(Matsushita Electric Works) NR-HD-5 Datasheet HTML 3Page - Nais(Matsushita Electric Works) NR-HD-5 Datasheet HTML 4Page - Nais(Matsushita Electric Works) NR-HD-5 Datasheet HTML 5Page - Nais(Matsushita Electric Works) NR-HD-5 Datasheet HTML 6Page - Nais(Matsushita Electric Works) NR-HD-5 Datasheet HTML 7Page - Nais(Matsushita Electric Works) NR-HD-5 Datasheet HTML 8Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NR
117
The following is life data under our HP2 relay load.
(Notes)
1. When inrush current occurs in the capacitor load circuit or incandescent lamp load circuit, reduce it to less than 5 A. Electrical life of "AuCo" contact
types is 10,000 operations in a 5 A inrush current circuit.
2. When 5 A to 10 A inrush current occurs in the capacitor load circuit or incandescent lamp load circuit, the use of power types is recommended.
Contact voltage
Contact current
Contact protection circuit
Operating speed
Expected life, min. op.
6 V DC
232 mA
0.2
µF + 1kΩ or diode
2 op./s
3
×107
12 V DC
106 mA
0.2
µF + 1kΩ or diode
2 op./s
3
×107
24 V DC
54 mA
0.1
µF + 1kΩ or diode
2 op./s
3
×107
100 V DC
15 mA
0.1
µF + 1kΩ or diode
2 op./s
2
×107
24 V DC
80 mA
0.2
µF + 1kΩ
2 op./s
3
×107
100 V DC
20 mA
0.1
µF + 1kΩ or varistor
2 op./s
2
×107
200 V DC
10 mA
0.1
µF + 1kΩ
2 op./s
2
×107
2 coil latching types
A) The circuit at right is recommended
when using one coil for latching and the
other coil for reset.
NR relays are sensitive enough to be op-
erated by the discharge of energy accu-
mulated in the inner-coil capacitance. The
use of a diode of over 200 V breakdown
will prevent misoperation from this source.
In order to maintain the insulation be-
tween the two coils, connection of the ter-
minal No. 3 and No. 6 or the terminal No.
2 and No. 5 is recommended, as shown in
the right figure.
Rectifiers should be inserted in this circuit
when the nominal coil voltage of the NR
relay is more than 24 V DC.
B) No damage will occur to the coil of ei-
ther the one or two coil latching types
even if the operating voltage is as much
as 2 or 3 times the nominal coil voltage.
C) If separate pulses are applied to each
coil of the 2 coil latching types, the first
pulse will operate when the pulses are of
equal voltage. When voltages differ the
higher voltage will cause operation pro-
vided the voltage difference is greater
than the measured pick-up voltage. Volt-
age difference on the coils will reduce
contact pressure proportionately.
Continuous bias voltage after an operat-
ing pulse lowers contact pressure and vi-
bration resistance.
bias voltage
coil
coil
Ripple factor
Coils should be operated on pure DC.
Rectified AC may cause changes in the
pick-up/drop-out characteristics because
of the ripple factor. Use of a capacitor in
the circuit is recommended to keep the
ripple factor below 5%.
: relay
E min. E max. E mean
DC component
Pulsating component
capacitor (ripple filter)
R
R
To calculate the ripple factor
Ripple factor (%) =
× 100%
E max. = max. value of pulsating component
E min. = min. value of pulsating component
E mean - average value DC component
E max. – E min.
E mean
When designing NR relay circuits
Care should be taken when designing re-
lay circuits since the response of the relay
is so fast that bouncing or chattering from
conventional relays in the circuit may
cause false operation.
When using long lead wires
When long wires (as long as 100 m or
more) are to be used, the use of resis-
tance (10 to 50
Ω) in series with the con-
tact is required in order to eliminate the
effect of the possible inrush current due to
the stray capacitance existing between
the two wires or between the wire and
ground.
Contact of NR relay
Lead wire
+
Energy accumulated in
static capacitance
(100 to 300 m)
10 to 50
(Equivalent circuit)


Similar Part No. - NR-HD-5

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NR-10034 AMPHENOL-NR-10034 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-10044 AMPHENOL-NR-10044 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-10045 AMPHENOL-NR-10045 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-15034 AMPHENOL-NR-15034 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-15044 AMPHENOL-NR-15044 Datasheet
1Mb / 2P
   Rugged Environment Connector
More results

Similar Description - NR-HD-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3SCV MACOM-3SCV Datasheet
230Kb / 2P
   Long-life Haif-size Industrial Relay
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
Illinois Capacitor, Inc...
105SVH050MCR ILLINOISCAPACITOR-105SVH050MCR_16 Datasheet
227Kb / 4P
   Long Life, 2000hours
logo
Everlight Electronics C...
EALP03RDGRA1 EVERLIGHT-EALP03RDGRA1 Datasheet
191Kb / 9P
   Long life feature.
EALP03RDGGA0 EVERLIGHT-EALP03RDGGA0 Datasheet
455Kb / 9P
   Long life feature.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com