Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR-HL2D-5 Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # NR-HL2D-5
Description  LONG LIFE RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NR-HL2D-5 Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  NR-HL2D-5 Datasheet HTML 1Page - Nais(Matsushita Electric Works) NR-HL2D-5 Datasheet HTML 2Page - Nais(Matsushita Electric Works) NR-HL2D-5 Datasheet HTML 3Page - Nais(Matsushita Electric Works) NR-HL2D-5 Datasheet HTML 4Page - Nais(Matsushita Electric Works) NR-HL2D-5 Datasheet HTML 5Page - Nais(Matsushita Electric Works) NR-HL2D-5 Datasheet HTML 6Page - Nais(Matsushita Electric Works) NR-HL2D-5 Datasheet HTML 7Page - Nais(Matsushita Electric Works) NR-HL2D-5 Datasheet HTML 8Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NR
116
11.-(3) Electrical life
Tested Sample: NR-SD-12V, 10 pcs.
Load: 54 mA 12 V DC inductive load
with diode protection
(4 relay coils in parallel of NR-SD-12V)
Frequency: 50 cps
11.-(4)Electrical life
(327 mA 24 V DC relay coil load)
Tested sample: NR-SD-24V, 5 pcs.
Condition: HP2-DC24
×6 pcs. in parallel,
diode protector provided
1,000
10,000
100
1,000
Max.
Min.
No. of operations,
×104
100
200
300
8
4
0
12
16
Min.
Min.
Max.
Max.
x
x
No. of operations,
×104
Pick-up voltage
Drop-out voltage
L1
L2
L3
L4
L5
L6
100
200
300
80
100
40
20
60
x
Min.
No. of operations,
×104
24 V DC
NR relay contact
L1~L6: HP2-DC24V
× 6 pcs. in parallel
Diode protector provided
Max.
12. Thermal electro motive force
Tested Sample: NR-SD-12V, 5 pcs.
Coil applied V: 12 V DC
Ambient atmosphere: 25
°C 77°F, 60% RH
13. High temperature test
TEST CONDITION
Tested Sample: NR-SD-24V, 30 pcs.
Ambient temperature: 80
°C 176°F
Humidity: less than 50% R.H.
Exposure time: 2,000 hours with relays deenergized.
TEST RESULT
Contact resistance: Fig. 1
All samples were measured less than
100 m
Ω in contact resistance throughout this test.
14. Influence of adjacent mounting
mm inch
15. Resistive load test
TEST CONDITION
Tested Sample: NR-SD-24V, 10 pcs.
Load: 1 A 20 V DC Resistive
Cycle rate: 1.4 cps.
Contact resistance in life test
2
4
6
8
10
12
14
16
100
200
Hour
N.C.
N.O.
10
20
40
60
80
100
100
1,000 2,000
Exposure time, hr
Max.
Max.
Min.
Distance
0
(0)
5
(.197)
10
(.394)
15
(.591)
Type
Magnetically
shielded type
±5% ±1%
0
0
Sealed type
±10% ±6% ±2%
No. of operations,
×106
1
20
50
100
500
N.C.
Max.
Max.
Mean value
of N.O.
Mean value
of N.C.
Min.
Min.
N.O.
2
5
10
15
APPLICATION HINTS
Contact protection circuit
When using NR relays in inductive load circuits, a contact protection circuit is recommended.
Examples:
CR
CR
Diode
1. r = more than 20 to 30 ohms
2. In an AC circuit impedance of L is to be
somewhat smaller than impedance of r
and c.
Can be used for both AC and DC circuits.
Use 500 to 1000 ohms for r and 0.1
µF to
0.2
µF 200 V for c in a general 12 to 24 V
load circuit.
For DC circuits only.
S
Relay contact
: Inductive load
rc
L
L
r
S
c
L
S
L


Similar Part No. - NR-HL2D-5

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NR-10034 AMPHENOL-NR-10034 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-10044 AMPHENOL-NR-10044 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-10045 AMPHENOL-NR-10045 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-15034 AMPHENOL-NR-15034 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-15044 AMPHENOL-NR-15044 Datasheet
1Mb / 2P
   Rugged Environment Connector
More results

Similar Description - NR-HL2D-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3SCV MACOM-3SCV Datasheet
230Kb / 2P
   Long-life Haif-size Industrial Relay
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
Illinois Capacitor, Inc...
105SVH050MCR ILLINOISCAPACITOR-105SVH050MCR_16 Datasheet
227Kb / 4P
   Long Life, 2000hours
logo
Everlight Electronics C...
EALP03RDGRA1 EVERLIGHT-EALP03RDGRA1 Datasheet
191Kb / 9P
   Long life feature.
EALP03RDGGA0 EVERLIGHT-EALP03RDGGA0 Datasheet
455Kb / 9P
   Long life feature.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com