Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4658ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4658ESA
Description  High-Current, 10ohm, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4658ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4658ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4658ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4658ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4658ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4658ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4658ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4658ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4658ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4658ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Current, 10, SPST, CMOS
Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 2, 7, 8)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Charge Injection
Q
VGEN = 0; RGEN = 0;
CL = 1nF; Figure 4
+25°C
23
pC
-3dB Bandwidth
BW
+25°C
210
MHz
Off-Isolation (Note 5)
VISO
f = 1MHz; RL = 50Ω;
Figure 5
+25°C
-77
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz,
VN_ = 5Vp-p; RL = 600Ω
+25°C
0.007
%
NO or NC Off-Capacitance
CNO(OFF),
CNC(OFF)
f = 1MHz; Figure 6
+25°C
25
pF
COM Off-Capacitance
CCOM(OFF)
f = 1MHz; Figure 6
+25°C
25
pF
COM On-Capacitance
CCOM(ON)
f = 1MHz; Figure 7
+25°C
67
pF
DIGITAL I/O
Input Logic High
VIH
TMIN to TMAX
2.4
V
Input Logic Low
VIL
TMIN to TMAX
0.8
V
Input Leakage Current
IIN
VIN = 0.8V or 2.4V
TMIN to TMAX
-1
1
µA
POWER SUPPLY
Power-Supply Range
TMIN to TMAX
±4.5
±20
V
+25°C
90
150
Positive Supply Current
I+
VIN = 0 or 5V, VN_ = 3V;
ISWITCH = 200mA,
MAX4655/4656;
ISWITCH = 100mA,
MAX4657/4658
TMIN to TMAX
300
µA
+25°C
10
50
Negative Supply Current
I-
VIN = 0 or 5V, VN_ = 3V;
ISWITCH = 200mA,
MAX4655/4656;
ISWITCH = 100mA,
MAX4657/4658
TMIN to TMAX
100
µA
+25°C
80
130
Ground Current
IGND
VIN = 0 or 5V, VN_ = 3V;
ISWITCH = 200mA,
MAX4655/4656;
ISWITCH = 100mA,
MAX4657/4658
TMIN to TMAX
260
µA


Similar Part No. - MAX4658ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4658ESA MAXIM-MAX4658ESA Datasheet
302Kb / 12P
   High-Current, 10 OHM, SPST, CMOS Analog Switches
Rev 3; 5/05
MAX4658ESA MAXIM-MAX4658ESA Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
More results

Similar Description - MAX4658ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4655 MAXIM-MAX4655_07 Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
MAX4655 MAXIM-MAX4655_05 Datasheet
302Kb / 12P
   High-Current, 10 OHM, SPST, CMOS Analog Switches
Rev 3; 5/05
logo
Texas Instruments
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com