Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72T51246L6BBI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72T51246L6BBI
Description  2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T51246L6BBI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72T51246L6BBI Datasheet HTML 1Page - Integrated Device Technology IDT72T51246L6BBI Datasheet HTML 2Page - Integrated Device Technology IDT72T51246L6BBI Datasheet HTML 3Page - Integrated Device Technology IDT72T51246L6BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T51246L6BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T51246L6BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T51246L6BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T51246L6BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T51246L6BBI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
1
2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-6116/2
NOVEMBER 2003
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES
(4 QUEUES) 36 BIT WIDE CONFIGURATION
589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
ADVANCE INFORMATION
IDT72T51236
IDT72T51246
IDT72T51256
Q0
Q3
MULTI-QUEUE FLOW-CONTROL DEVICE
FSTR
WEN
PAF
FF
WRADD
5
WCLK
PAFn
x9, x18, x36
DATA IN
PAE
PR
PAEn
x9, x18, x36
DATA OUT
OE
OV
Din
Qout
PRn
4
4
6116 drw01
WADEN
ESTR
EREN
RDADD
RADEN
ERCLK
5
REN
RCLK
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
••••• Choose from among the following memory density options:
IDT72T51236
Total Available Memory = 589,824 bits
IDT72T51246
Total Available Memory = 1,179,648 bits
IDT72T51256
Total Available Memory = 2,359,296 bits
••••• Configurable from 1 to 4 Queues
••••• Queues may be configured at master reset from the pool of
Total Available Memory in blocks of 256 x 36
••••• Independent Read and Write access per queue
••••• User programmable via serial port
••••• User selectable I/O: 2.5V LVTTL, 1.5V HSTL, 1.8V eHSTL
••••• Default multi-queue device configurations
-IDT72T51236: 4,096 x 36 x 4Q
-IDT72T51246: 8,192 x 36 x 4Q
-IDT72T51256: 16,384 x 36 x 4Q
••••• 100% Bus Utilization, Read and Write on every clock cycle
••••• 200 MHz High speed operation (5ns cycle time)
••••• 3.6ns access time
••••• Echo Read Enable & Echo Read Clock Outputs
••••• Individual, Active queue flags (OV, FF, PAE, PAF, PR)
••••• 4 bit parallel flag status on both read and write ports
••••• Provides continuous PAE and PAF status of up to 4 Queues
••••• Global Bus Matching - (All Queues have same Input Bus Width
and Output Bus Width)
••••• User Selectable Bus Matching Options:
- x36in to x36out
- x18in to x36out
- x9in to x36out
- x36in to x18out
- x36in to x9out
••••• FWFT mode of operation on read port
••••• Packet mode operation
••••• Partial Reset, clears data in single Queue
••••• Expansion of up to 8 multi-queue devices in parallel is available
••••• Power Down Input provides additional power savings in HSTL
and eHSTL modes.
••••• JTAG Functionality (Boundary Scan)
••••• Available in a 256-pin PBGA, 1mm pitch, 17mm x 17mm
••••• HIGH Performance submicron CMOS technology
••••• Industrial temperature range (-40°C to +85°C) is available


Similar Part No. - IDT72T51246L6BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51243 IDT-IDT72T51243 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51243L5BB IDT-IDT72T51243L5BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51243L5BBI IDT-IDT72T51243L5BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51243L6BB IDT-IDT72T51243L6BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51243L6BBI IDT-IDT72T51243L6BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T51246L6BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
logo
Renesas Technology Corp
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51543 IDT-IDT72T51543 Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com