Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9221L43CWAV2QD22 Datasheet(PDF) 4 Page - ITT Industries

Part # 9221L43CWAV2QD22
Description  Power Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

9221L43CWAV2QD22 Datasheet(HTML) 4 Page - ITT Industries

  9221L43CWAV2QD22 Datasheet HTML 1Page - ITT Industries 9221L43CWAV2QD22 Datasheet HTML 2Page - ITT Industries 9221L43CWAV2QD22 Datasheet HTML 3Page - ITT Industries 9221L43CWAV2QD22 Datasheet HTML 4Page - ITT Industries 9221L43CWAV2QD22 Datasheet HTML 5Page - ITT Industries 9221L43CWAV2QD22 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
G–51
G
C&K 9000 Series
Power Toggle Switches
BUSHING
TERMINATIONS
PANEL MOUNTING
1/4 INCH BUSHING
15/32 INCH BUSHING
Without locking ring.
With standard locking ring.
With small locking ring.
Without locking ring.
With standard locking ring.
PC MOUNTING
BUSHING FINISH
BUSHING
Z
SOLDER LUG
Z4
.187" QUICK CONNECT
C
PC THRU-HOLE
9201 Only
9221 Only
9201 Only
NOTE: Only termination available with 9221 model. Must be ordered with D seal option.
Mates with standard .187 Nema female connector.
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 9221L43CWAV2QD22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9221 ETC2-9221 Datasheet
97Kb / 2P
   30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
logo
Belden Inc.
9221 BELDEN-9221 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010100 BELDEN-9221-010100 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010500 BELDEN-9221-010500 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
9221-010U500 BELDEN-9221-010U500 Datasheet
154Kb / 2P
   Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket
04-04-2023
More results

Similar Description - 9221L43CWAV2QD22

ManufacturerPart #DatasheetDescription
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
   Power Toggle Switches
9000TOGGLE CK-COMPONENTS-9000TOGGLE Datasheet
619Kb / 5P
   Power Toggle Switches
10 jul 18
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com