Electronic Components Datasheet Search |
|
NR-SD-12 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works) |
|
NR-SD-12 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works) |
3 / 8 page NR 114 DIFFERENCES BETWEEN NR RELAYS AND REED RELAYS NR relays Reed relays Structure Contact arrangement 1 Form C 1 Form A or 1 Form B Contact capacity 20 W (high contact pressure) 5 to 15 W Operating function Single side stable Latching Single side stable "Getter" hole Yes No "Getter" holes are formed on both pole shoes to obtain uniform contact resis- tance throughout life. Film-forming phe- nomena on contacts is thus fully prevented. REFERENCE DATA 1.-(1) Contact reliability Test sample: NR-SD-24V 54 pcs. Circuits: (A) Following figure with diode (B) Following figure without diode Item to be checked: Detect with the circuit stopped Circuits: (A) Diode provided: The circuit does not stop through- out 100 million times. (B) Diode not provided: λ60 = 2.5 × 10-8 times 1.-(2) Contact reliability TEST CONDITION Sample: NR-SD-24V, 10 pcs. Contact voltage: 100 mV Contact current: 10 µA Cycle rate: 50 cps. Detection level: 100 Ω Testing operation: 3 ×107 m = 1.9 σ = 2.5×107 µ = 4.7×107 95% reliability limit: 1.15 ×107 (Mean time between failure) 2. Coil temperature rise (under saturated condition) R0 R0 R54 R1 R2 R52 R53 R1 R2 R3 R53 R54 24 V DC Start 10 5 1 0.1 0.2 0.5 1.0 2.0 5.0 10.0 30.0 50.0 70.0 95.0 99.0 99.9 F(t)(%) No. of operations, ×107 (WEIBULL) 100 250 500 750 1,000 1,250 90 80 70 60 50 40 30 20 10 Operating power, mW Magnetically sealed type Plastic sealed type 3.-(1) Operate time including bounce time (Single side stable) 3.-(2) Operate time including bounce time (2 coil latching) 4. Release time including bounce time (Single side stable) 220 180 140 100 60 3.0 2.5 2.0 1.5 1.0 0.5 0 Min. Max. x Coil applied voltage, %V 220 180 140 100 60 3.0 2.5 2.0 1.5 1.0 0.5 0 Min. Max. x Coil applied voltage, %V 220 180 140 100 60 3.0 2.5 2.0 1.5 1.0 0.5 0 Min. Max. x Coil applied voltage, %V |
Similar Part No. - NR-SD-12 |
|
Similar Description - NR-SD-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |