Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OC-F870T30B Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # OC-F870T30B
Description  Micro-miniature OCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OC-F870T30B Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  OC-F870T30B Datasheet HTML 1Page - Nel Frequency Controls,inc OC-F870T30B Datasheet HTML 2Page - Nel Frequency Controls,inc OC-F870T30B Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635A
CRYSTAL OSCILLATORS
Specifications:
OC-X87XXXXX Series
Micro-miniature OCXO
Parameter
Symb
Condition
Min
Typ
Max
Unit
Note
Absolute Maximum Ratings
Input Break
Down Voltage
Vcc
-0.5
-0.5
5.5
13
V
3.3V or 5V Vcc
12 V Vcc
Storage temper.
Ts
-40
85
°C
Control Voltage
Vc
-1
6
V
Electrical
Frequency
F
8
10.000
160
MHz
1*
vs. Temp.
±100
±280
ppb
See chart below
Frequency stability
∆F/F
vs. Supply
10
50
ppb/V
Aging
per day
first year
15 years
5E-9
3E-7
3E-6
after 30 days
Allan Variance
.1s to 100s
5E-11
Calibration
No voltage control
± 0.5
± 2
ppm
Vcc sensitivity
5E-8/V
Load sensitivity
For 10% change
5E-8
SSB Phase Noise
10 Hz
100 Hz
1 KHz
>10 KHz
-100
-130
-145
-160
dBc/Hz
2*
Retrace
After 30 minutes
±100
ppb
G-sensitivity
worst direction
±2.0
ppb/G
Input Voltage
Vcc
4.75
3.15
11.4
5.0
3.3
12.0
5.25
3.45
12.6
V
See chart below
Power consumption
P
steady state, 25°C
steady state, -30°C
start-up
0.5
0.7
1.5
2.5
W
Upper operating
temperature < 70°C, add
20% for UOT 85°C
Load
10KOhm//15pF
Internally AC coupled 50 Ohm
CMOS Output
Sine-wave output
Warm-up time
τ
to 0.3 ppm accuracy
2
3
min
Sub-Harmonics
-50
-40
dBc
At higher F 1*
Output Waveform
3.3V HCMOS/TTL compatible, 4 ns Tr/Tf, 40/60% duty cyicle
Sine-wave, + 7 dBm ±3 dBm into 50 Ohm, -30 dBc harmonics
See chart below
Control voltage
Vc
0
4.0
V
Pull range
from nominal F
±5
±10
ppm
Customer specified
Deviation slope
Monotonic, posit
5
ppm/V
Customer specified
Setability
Vc0
@25°C, Fnom.
1.0
2.0
3.0
V
5V/3.3 supply
Environmental and Mechanical
Operating temp. range
-30°C to 70°C Standard, Other options – see chart below
Mechanical Shock
Per MIL-STD-202, 30G, 11ms
Vibration
Per MIL-STD-202, 5G to 2000 Hz
Soldering Conditions
Leads Temperature 260°C, for 10s, Max
Hermetic Seal
Leak rate less than 1x10-8 atm.ccm/s of helium
Electrical Connections
Pin Out
Pin 1- Vc; Pin 7- Case, GND; Pin8 – Output; Pin 14 - Vcc


Similar Part No. - OC-F870T30B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-160 VECTRON-OC-160 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
OC-160AAB-109AA-10 VECTRON-OC-160AAB-109AA-10 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
OC-160AAB-109AF-10 VECTRON-OC-160AAB-109AF-10 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
OC-160AAB-109BA-10 VECTRON-OC-160AAB-109BA-10 Datasheet
53Kb / 2P
   Oven Controlled Crystal Oscillators
More results

Similar Description - OC-F870T30B

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
VFT8 ECM-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
logo
List of Unclassifed Man...
VFT8 ETC1-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
logo
CTS Corporation
1914 CTS-1914 Datasheet
199Kb / 5P
   Miniature OCXO
logo
Advanced XTAL Products
AXIOM30-15 AXTAL-AXIOM30-15 Datasheet
87Kb / 2P
   High Stability Miniature OCXO with HCMOS Output
AXIOM37-8 AXTAL-AXIOM37-8 Datasheet
102Kb / 4P
   Low Power Miniature OCXO in DIL8 package
logo
Adam Technologies, Inc.
DE09-SG-22 ADAM-TECH-DE09-SG-22 Datasheet
89Kb / 1P
   MICRO MINIATURE CONNECTOR
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
   OCXO Miniature size with Stratum 3E stability
AXIOM60 AXTAL-AXIOM60 Datasheet
54Kb / 2P
   Miniature OCXO with Stratum III stability option
logo
Raltron Electronics Cor...
OX2551A RALTRON-OX2551A Datasheet
34Kb / 2P
   Miniature OCXO in modified CO-15 package
logo
Adam Technologies, Inc.
DB25-SG-22 ADAM-TECH-DB25-SG-22 Datasheet
87Kb / 1P
   MICRO MINIATURE CONNECTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com