Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG795ACCPZ-500RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG795ACCPZ-500RL7
Description  I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG795ACCPZ-500RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG795ACCPZ-500RL7 Datasheet HTML 5Page - Analog Devices ADG795ACCPZ-500RL7 Datasheet HTML 6Page - Analog Devices ADG795ACCPZ-500RL7 Datasheet HTML 7Page - Analog Devices ADG795ACCPZ-500RL7 Datasheet HTML 8Page - Analog Devices ADG795ACCPZ-500RL7 Datasheet HTML 9Page - Analog Devices ADG795ACCPZ-500RL7 Datasheet HTML 10Page - Analog Devices ADG795ACCPZ-500RL7 Datasheet HTML 11Page - Analog Devices ADG795ACCPZ-500RL7 Datasheet HTML 12Page - Analog Devices ADG795ACCPZ-500RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADG795A/ADG795G
Rev. 0 | Page 9 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameters
Ratings
VDD to GND
−0.3 V to +6 V
Analog, Digital Inputs
−0.3 V to VDD + 0.3 V or 30 mA,
whichever occurs first
Continuous Current, S or D
100 mA
Peak Current, S or D
300 mA (pulsed at 1 ms,
10% duty cycle max)
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
24-Lead LFCSP
30°C/W
Lead Temperature, Soldering
(10 sec)
300°C
IR Reflow, Peak Temperature
(<20 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating may be applied at any one
time.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADG795ACCPZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG795A AD-ADG795A_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
More results

Similar Description - ADG795ACCPZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG795G AD-ADG795G_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG795A AD-ADG795A_15 Datasheet
1Mb / 24P
   Wide Bandwidth, Five 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A Datasheet
513Kb / 24P
   I2C-Compatible, Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG793G AD-ADG793G Datasheet
541Kb / 24P
   I2C-Compatible, Wide Bandwidth, Triple 3:1 Multiplexer
REV. 0
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG796A AD-ADG796A_15 Datasheet
514Kb / 24P
   Wide Bandwidth, Hex 2:1 Multiplexer
REV. 0
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com