Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR-SLD-42 Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # NR-SLD-42
Description  LONG LIFE RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NR-SLD-42 Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  NR-SLD-42 Datasheet HTML 1Page - Nais(Matsushita Electric Works) NR-SLD-42 Datasheet HTML 2Page - Nais(Matsushita Electric Works) NR-SLD-42 Datasheet HTML 3Page - Nais(Matsushita Electric Works) NR-SLD-42 Datasheet HTML 4Page - Nais(Matsushita Electric Works) NR-SLD-42 Datasheet HTML 5Page - Nais(Matsushita Electric Works) NR-SLD-42 Datasheet HTML 6Page - Nais(Matsushita Electric Works) NR-SLD-42 Datasheet HTML 7Page - Nais(Matsushita Electric Works) NR-SLD-42 Datasheet HTML 8Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NR
115
5.-(1) Leaving at high temperature
(Change of pick-up and drop-out voltages)
Tested sample: NR-SD-24V, 30 pcs.
Condition: Deenergized leaving at 90
°C 194°F
(constant temperature)
5.-(2) Leaving at high temperature
(Change of contact resistance)
Tested sample: NR-SD-24V, 30 pcs.
Condition: Deenergized leaving at 90
°C 194°F
(constant temperature)
6. High frequency characteristics
Tested sample: NR-SD-24V
Tested condition:
500
1,000
1,500
8
4
12
10
6
2
20
18
16
14
Max.
Max.
Min.
Min.
Time, hr
x
x
Pick-up voltage
Drop out voltage
100
1,000
10,000
50
100
500
1,000
Max.
Max.
Min.
Min.
Time, hr
N.C. side contact
N.O. side contact
A
SG(Signal generator)
N.C.
Frequency, MHz
Isolation loss between
A and B is measured.
N.O.
B
5
10
50
100
–50
–100
50
50
7. Contact sticking resistance
TEST CONDITION
The purpose of this test was to confirm contact stick-
ing resistance and contact stability against coil rip-
ples.
Tested Sample: NR-SD-24V, 10 pcs.
Test method: Following coil ripples were applied.
Test period: 500 hours
TEST RESULT
No occurance of sticking was observed.
Contact resistance: Fig. 1
NR-SD-24V: 29 m
Ω to 30.4 mΩ
In actual application, above coil ripples should be
avoided and use of a capacitor in the circuit is recom-
mended to keep the ripple factor below 5%.
8. Distribution of contact resistance
Tested sample: NR-SD-24V (WG type) 105 pcs.
7 V DC
100 Hz
24 V DC
10
100
1,000
50
100
Max.
Min.
x
Energization time, Hr Fig. 1
10
20
30
40
50
10
20
30
40
50
Contact resistance, m
x = 24.2 m
3
σ = 9.27 mΩ
9.-(1) Rate of change in pick-up and drop-out
voltage (Single side stable)
9.-(2) Rate of change in pick-up voltage
(2 coil latching)
10.-(1) Mechanical life
(Change of pick-up and drop-out V)
Tested Sample: NR-SD-24V, 10 pcs.
Operation frequency: 500 cps
180
160
140
120
100
80
60
40
20
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
Ambient temperature,
°C
Drop-out
voltage
Pick-up
voltage
180
160
140
120
100
80
60
40
20
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
Ambient temperature,
°C
Pick-up
voltage
1,000
10,000
100,000
5
10
15
Min.
Max.
Min.
Max.
No. of operations,
×104
Pick-up Voltage
Drop-out Voltage
10.-(2) Mechanical life
(Change of contact resistance)
Tested Sample: NR-SD-24V, 10 pcs.
Operation frequency: 500 cps
11.-(1) Electrical life
(1 A 20 V DC resistive load)
Tested sample: NR-SD-24V, 10 pcs.
11.-(2) Electrical life
Tested Sample: NR-SD-24V, 10 pcs.
Load: 60 mA 24 V DC resistive load
Frequency: 50 cps
1,000
10,000
100,000
50
40
30
20
10
60
70
80
90
Min.
Max.
No. of operations,
×104
N.C. side
N.O. side
10
5
1
0.1
0.2
0.5
1.0
2.0
5.0
10.0
30.0
50.0
70.0
95.0
99.0
99.9
F(t)(%)
No. of operations,
×104
η: 1.85×106
µ: 1.65×106
σ: 5.64×104
(Weibull probability paper)
100
1,000
1,0000
50
100
150
No. of operations,
×104
N.C. side
N.O. side


Similar Part No. - NR-SLD-42

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NR-10034 AMPHENOL-NR-10034 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-10044 AMPHENOL-NR-10044 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-10045 AMPHENOL-NR-10045 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-15034 AMPHENOL-NR-15034 Datasheet
1Mb / 2P
   Rugged Environment Connector
NR-15044 AMPHENOL-NR-15044 Datasheet
1Mb / 2P
   Rugged Environment Connector
More results

Similar Description - NR-SLD-42

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3SCV MACOM-3SCV Datasheet
230Kb / 2P
   Long-life Haif-size Industrial Relay
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
Illinois Capacitor, Inc...
105SVH050MCR ILLINOISCAPACITOR-105SVH050MCR_16 Datasheet
227Kb / 4P
   Long Life, 2000hours
logo
Everlight Electronics C...
EALP03RDGRA1 EVERLIGHT-EALP03RDGRA1 Datasheet
191Kb / 9P
   Long life feature.
EALP03RDGGA0 EVERLIGHT-EALP03RDGGA0 Datasheet
455Kb / 9P
   Long life feature.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com