Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1418AV18-250BZC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1418AV18-250BZC
Description  36-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1418AV18-250BZC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1418AV18-250BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1418AV18-250BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1418AV18-250BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1418AV18-250BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1418AV18-250BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1418AV18-250BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1418AV18-250BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1418AV18-250BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1418AV18-250BZC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PRELIMINARY
CY7C1416AV18
CY7C1427AV18
CY7C1418AV18
CY7C1420AV18
Document Number: 38-05616 Rev. **
Page 9 of 24
Notes:
1. The above application shows two DDR-II used.
2. X = “Don’t Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
3. Device will power-up deselected and the outputs in a three-state condition.
4. On CY7C1418AV18 and CY7C1420AV18, “A1” represents address location latched by the devices when transaction was initiated and A2 represents the addresses
sequence in the burst. On CY7C1416AV18, “A1” represents A + ‘0’ and A2 represents A + ‘1’.
5. “t” represents the cycle at which a Read/Write operation is started. t + 1 and t + 2 are the first and second clock cycles succeeding the “t” clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. It is recommended that K = K and C = C = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line
charging symmetrically.
Application Example[1]
LD#
Vterm = 0.75V
Vterm = 0.75V
CC#
R/W#
ZQ
CQ/CQ#
K#
DQ
A
K
LD#
C C#
R/W#
ZQ
CQ/CQ#
K#
DQ
A
K
BUS
MASTER
(CPU
or
ASIC)
SRAM#1
SRAM#2
DQ
Addresses
Cycle Start#
R/W#
Return CLK
Source CLK
Return CLK#
Source CLK#
Echo Clock1/Echo Clock#1
Echo Clock2/Echo Clock#2
R = 50ohms
R = 250ohms
R = 250ohms
Truth Table[2, 3, 4, 5, 6, 7]
Operation
K
LD
R/W
DQ
DQ
Write Cycle:
Load address; wait one cycle; input write data on consecutive K
and K rising edges.
L-H
L
L
D(A1)at K(t + 1)
↑ D(A2) at K(t + 1) ↑
Read Cycle:
Load address; wait one and a half cycle; read data on consec-
utive C and C rising edges.
L-H
L
H
Q(A1) at C(t + 1)
↑ Q(A2) at C(t + 2) ↑
NOP: No Operation
L-H
H
X
High-Z
High-Z
Standby: Clock Stopped
Stopped
X
X
Previous State
Previous State
Burst Address Table (CY7C1418AV18, CY7C1420AV18)
First Address (External)
Second Address (Internal)
X..X0
X..X1
X..X1
X..X0


Similar Part No. - CY7C1418AV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1418AV18-250BZC CYPRESS-CY7C1418AV18-250BZC Datasheet
495Kb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1418AV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1416KV18 CYPRESS-CY7C1416KV18 Datasheet
1Mb / 32P
   36-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1416BV18 CYPRESS-CY7C1416BV18_07 Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416JV18 CYPRESS-CY7C1416JV18 Datasheet
630Kb / 26P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416AV18 CYPRESS-CY7C1416AV18_06 Datasheet
495Kb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416BV18 CYPRESS-CY7C1416BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422KV18 CYPRESS-CY7C1422KV18 Datasheet
944Kb / 32P
   36-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18_07 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com