Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18S-7020 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 18S-7020
Description  Hercules Encoder Accessories
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

18S-7020 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  18S-7020 Datasheet HTML 1Page - List of Unclassifed Manufacturers 18S-7020 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Measuring Wheels
Series 1000, 2000, 3000, 4000, 6000, 7000, H Series
Part Number
Circum.
Width
Durometer/Mat’l
Shaft Bore
79-9003
300mm
.7"
90 dur. urethane
.375"
79-9004
300mm
.7"
90 dur. urethane
.500"
80-9003
10"
.7"
90 dur. urethane
.375"
80-9004
10"
.7"
90 dur. urethane
.500"
81-8003
12"
.7"
80 dur. urethane
.375"
81-8004
12"
.7"
80 dur. urethane
.500"
81-9003
12"
.7"
90 dur. urethane
.375"
81-9004
12"
.7"
90 dur. urethane
.500"
81-9010
12"
1.0"
85 dur. urethane
.375"
81-9015
12"
1.0"
85 dur. urethane
.500"
81-9012
12"
.7"
85 dur. hypalon
.375"
81-9014
12"
.7"
85 dur. hypalon
.500"
Consult factory for availability of types not listed.
Flexible Shaft Couplings
For all Encoder & Potentiometer Series
Standard Stock Sizes
Part Number
Description
075-8-8
0.75-Inch Outside Diameter Coupling
075-12-12
(Various end bore combinations)
100-12-8, 100-12-10
1.00-inch outside diameter coupling
100-12-12,100-12-16
(Various end bore combinations)
100-16-16
Special Order Sizes
075-x-y
x/y possibilities: 4mm, 6mm, 8, 10, 12
100-x-y
x/y possibilities: 8, 10, 12, 16, 20
Not all options are available in all styles.
5-PY Servo Motor Mount
For all Encoder & Potentiometer Series
Part Number
Description
5-PY
Tach Generator Mounting Adapter
Hercules Encoder Accessories
XXX
XX XX
Outside Diameter
075=.75" (L=.88") 100=1.0" (L=1.25")
Shaft end bores (ID)
8=.250" 10=.312"
12=.375"
16=.500" xx=other (consult factory)
25


Similar Part No. - 18S-7020

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
18S-10 OHMITE-18S-10 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
More results

Similar Description - 18S-7020

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPH5V0-40 GALAXY-GPH5V0-40 Datasheet
91Kb / 8P
   HERCULES Series
logo
Taoglas antenna solutio...
A41A301111 TAOGLAS-A41A301111 Datasheet
2Mb / 15P
   Hercules Gen - Straight Screw Mont
logo
Texas Instruments
TMDX570LS31HDK TI-TMDX570LS31HDK Datasheet
535Kb / 24P
[Old version datasheet]   TMS570LS31x Hercules Development Kit (HDK)
logo
Taoglas antenna solutio...
MA120AQP001 TAOGLAS-MA120AQP001 Datasheet
3Mb / 14P
   Hercules GENII Screw mount 2in1
IS05B301111 TAOGLAS-IS05B301111 Datasheet
1Mb / 18P
   915 MHz Hercules ISM Band Antenna
MA104.C.W.AB.002 TAOGLAS-MA104.C.W.AB.002_18 Datasheet
1Mb / 26P
   MA104 2in1 Combination Hercules GPS/GALILEO
G21B301111 TAOGLAS-G21B301111 Datasheet
1Mb / 25P
   Hercules Gen.II Penta Band Cellular Antenna
MA104CAB015 TAOGLAS-MA104CAB015 Datasheet
1Mb / 26P
   MA104 GPS/GALILEO/Cellular Combination Hercules
logo
List of Unclassifed Man...
A01C301111 ETC2-A01C301111 Datasheet
339Kb / 8P
   GPS Hercules Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
IS04B301111 TAOGLAS-IS04B301111 Datasheet
1Mb / 18P
   IS.04 868MHz Hercules ISM Band Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com