Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC110 Datasheet(PDF) 3 Page - Nel Frequency Controls,inc

Part # HMC110
Description  GaAs MMIC 5 - BIT DIGITAL ATTENUATOR DC - 10 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HMC110 Datasheet(HTML) 3 Page - Nel Frequency Controls,inc

  HMC110 Datasheet HTML 1Page - Nel Frequency Controls,inc HMC110 Datasheet HTML 2Page - Nel Frequency Controls,inc HMC110 Datasheet HTML 3Page - Nel Frequency Controls,inc HMC110 Datasheet HTML 4Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2 - 4
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
2
Truth Table
Absolute Maximum Ratings
Control Input
Att
Set
4dB Bit
1dB
2dB
8dB Bit
16dB Bit
A1
B1
A2
A3
A4
B4
A5
B5
Hi
Lo
Hi
Hi
Hi
Lo
Hi
Lo
Ref
Hi
Lo
Lo
Hi
Hi
Lo
Hi
Lo
1dB
Hi
Lo
Hi
Lo
Hi
Lo
Hi
Lo
2dB
Lo
Hi
Hi
Hi
Hi
Lo
Hi
Lo
4dB
Hi
Lo
Hi
Hi
Lo
Hi
Hi
Lo
8dB
Hi
Lo
Hi
Hi
Hi
Lo
Lo
Hi
16dB
Any combination of above states will provide an attenuation
approximately equal to the sum of the bits selected.
Schematic
HMC110
4dB
1dB
2dB
8dB
16dB
A1 B1
A2
A3
A4 B4
A5 B5
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
HMC110
5 - BIT DIGITAL ATTENUATOR DC - 10 GHz
Control Voltages
State
Bias Condition
Low
0 to -0.2V@20uA Max
High
-3V@50uA Typ to -8V@500uA Max
Control Voltage Range
+0.5 to -8.5 Vdc
Storage Temperature
-65 to +150 deg C
Operating Temperature
-55 to +125 deg C
RF Input Power (0.5 - 4 GHz)
Insertion Loss State
Any Attenuation State
+27 dBm
+13 dBm
HMC110


Similar Part No. - HMC110

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC110 HITTITE-HMC110 Datasheet
112Kb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
logo
Analog Devices
HMC1105 AD-HMC1105 Datasheet
300Kb / 6P
   Microwave Test Equipment
HMC1106 AD-HMC1106 Datasheet
776Kb / 10P
   GaAs MMIC MIXER 15 - 36 GHz
logo
Hittite Microwave Corpo...
HMC110C14 HITTITE-HMC110C14 Datasheet
183Kb / 4P
   GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 6 GHz
HMC110G16 HITTITE-HMC110G16 Datasheet
93Kb / 4P
   1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
More results

Similar Description - HMC110

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XA1000 MIMIX-XA1000 Datasheet
418Kb / 6P
   DC-18.0 GHz GaAs MMIC 5-Bit Digital Attenuator
XA1000-BD MIMIX-XA1000-BD Datasheet
364Kb / 6P
   DC-18.0 GHz GaAs MMIC 5-Bit Digital Attenuator
logo
Hittite Microwave Corpo...
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
HMC110C14 HITTITE-HMC110C14 Datasheet
183Kb / 4P
   GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 6 GHz
HMC235QS16G HITTITE-HMC235QS16G Datasheet
189Kb / 6P
   GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 4 GHz
HMC541LP3 HITTITE-HMC541LP3_08 Datasheet
182Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5 GHz
HMC335G16 HITTITE-HMC335G16_08 Datasheet
215Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC307QS16G HITTITE-HMC307QS16G_06 Datasheet
326Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC335G16 HITTITE-HMC335G16 Datasheet
238Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC307QS16G HITTITE-HMC307QS16G Datasheet
206Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com