Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M75179P Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M75179P
Description  RS-485 TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M75179P Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M75179P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M75179P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M75179P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M75179P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M75179P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M75179P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M75179P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M75179P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M75179P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
MITSUBISHI
〈DIGITAL ASSP〉
M75176P, M75177P
M75178P, M75179P
RS-485 TRANSCEIVER
SWITCHING CHARACTERISTICS (Driver) (VCC = 5V, Ta=25
°C)
Parameter
Differential output delay time
Differential output transition time
Output “L - H” propagation delay time
Output “H - L” propagation delay time
“H” enable time
“L” enable time
“H” disable time
“L” disable time
Symbol
tDD
tTD
tPLH
tPHL
tPZH
tPZL
tPHZ
tPLZ
Max.
25
25
25
25
35
35
25
35
Typ.
13
11
15
12
23
16
11
22
Min.
Unit
ns
ns
ns
ns
ns
ns
ns
ns
Limits
Test conditions
RL=54
CL=50pF
RL=27
CL=50pF
RL=110
CL=50pF
ELECTRICAL CHARACTERISTICS (Receiver) (VCC = 5V
± 5%, Ta = –20 ~ 75°C, unless otherwise noted)
Parameter
High threshold voltage
Low threshold voltage
Hysteresis width (Note 4)
Enable input clamp voltage
“H” output voltage
“L” output voltage
Off-state output current
Line input current
“H” enable input current
“L” enable input current
Input resistance
Output short-circuit current
Supply voltage
Symbol
VTH
VTL
VT+ - VT–
VIK
VOH
VOL
IOZ
II
IIH
IIL
ri
IOS
ICC
Max.
0.2
–1.5
0.45
0.5
±20
–400
20
1
–0.8
20
–100
–400
–85
48
48
Typ.*
50
3.6
0.23
0.30
Min.
–0.2
2.7
12
–15
Unit
V
V
mV
V
V
V
mA
mA
mA
mA
k
mA
mA
Limits
Test conditions
VO=2.7V, IO=–0.4mA
VO=0.5V, IO=16mA
II=–18mA
VID=0.2V, IOH=–0.4mA
VID=–0.2V
VO=0.4 ~ 2.4V
VO=0.4V
VO=2.4V
Other input 0V
VIH=2.7V
VIL=0.4V
VO=0V
No output load
See Fig. 2.
See Fig. 3.
See Figs. 4 & 5.
IOL=8mA
IOL=16mA
VO=12V
VO=–7V
Output enable
Output disable
75176
75177/178
75176/177/178
75176
75177/178
*: The standard value is given on the condition of VCC = 5V and Ta = 25
°C.
Note 4: The hysteresis width is the difference between positive threshold voltage VT+ and negative threshold voltage VT–.
SWITCHING CHARACTERISTICS (Receiver) (VCC = 5V, Ta=25
°C)
Parameter
Output “L - H” propagation delay time
Output “H - L” propagation delay time
“H” enable time
“L” enable time
“H” disable time
“L” disable time
Symbol
tPLH
tPHL
tPZH
tPZL
tPHZ
tPLZ
Max.
35
35
20
20
35
35
Typ.
22
19
9
11
17
22
Min.
Unit
ns
ns
ns
ns
ns
ns
Limits
Test conditions
CL=15pF
CL=15pF
CL=15pF
See Fig. 6.
See Fig. 7.
See Fig. 7.


Similar Part No. - M75179P

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
M75104P MOSDESIGN-M75104P Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
M75118P MOSDESIGN-M75118P Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
More results

Similar Description - M75179P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
logo
Shanghai Leiditech Elec...
SP3485 LEIDITECH-SP3485 Datasheet
2Mb / 9P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
SP485 LEIDITECH-SP485 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Sipex Corporation
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
   Programmable RS-232/RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com