Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-A161-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # HS-A161-FREQ
Description  Single Frequency Oscillator 53.125MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HS-A161-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  HS-A161-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc HS-A161-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
HS-169
Single Frequency Oscillator 53.125MHz
Description
The HS-169 crystal oscillator is designed to support the Tachyon
TM clocking requirements at 53.125MHz.
Features
• Meets HP TACHYON
TM Clock Generator
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Gold plated leads - Solder dipped leads available
upon request
• Low power consumption
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
Electrical Connection
Pin
Connection
1
N.C.
7
Grd & Case
8
Output
14
V
CC
CRYSTAL CLOCK OSCILLATORS
Data Sheet 9826B
Rev. G


Similar Part No. - HS-A161-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-A161-FREQ NEL-HS-A161-FREQ Datasheet
257Kb / 2P
   TTL
More results

Similar Description - HS-A161-FREQ

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE8845DEV PLETRONICS-PE8845DEV Datasheet
157Kb / 8P
   PE88D Single Frequency PECL Clock Oscillator
logo
Analog Devices
AD9552 AD-AD9552 Datasheet
494Kb / 32P
   Oscillator Frequency Upconverter
Rev. C
logo
Crystek Corporation
CVCO33CX-2500-2500 CRYSTEKCRYSTAL-CVCO33CX-2500-2500 Datasheet
91Kb / 2P
   Fixed Frequency Oscillator
logo
Analog Devices
AD9552 AD-AD9552_12 Datasheet
616Kb / 32P
   Oscillator Frequency Upconverter
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
Silicon Laboratories
SI512 SILABS-SI512 Datasheet
1Mb / 20P
   DUAL FREQUENCY CRYSTAL OSCILLATOR
logo
Raltron Electronics Cor...
CMC202 RALTRON-CMC202 Datasheet
732Kb / 6P
   MEMS Standard Frequency Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com