Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY62LF16804A-SMC Datasheet(PDF) 5 Page - Nel Frequency Controls,inc

Part # HY62LF16804A-SMC
Description  512Kx16bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HY62LF16804A-SMC Datasheet(HTML) 5 Page - Nel Frequency Controls,inc

  HY62LF16804A-SMC Datasheet HTML 1Page - Nel Frequency Controls,inc HY62LF16804A-SMC Datasheet HTML 2Page - Nel Frequency Controls,inc HY62LF16804A-SMC Datasheet HTML 3Page - Nel Frequency Controls,inc HY62LF16804A-SMC Datasheet HTML 4Page - Nel Frequency Controls,inc HY62LF16804A-SMC Datasheet HTML 5Page - Nel Frequency Controls,inc HY62LF16804A-SMC Datasheet HTML 6Page - Nel Frequency Controls,inc HY62LF16804A-SMC Datasheet HTML 7Page - Nel Frequency Controls,inc HY62LF16804A-SMC Datasheet HTML 8Page - Nel Frequency Controls,inc HY62LF16804A-SMC Datasheet HTML 9Page - Nel Frequency Controls,inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HY62LF16804A Series
Rev.10 /Jan. 2002
4
AC CHARACTERISTICS
Vcc = 2.3V~2.7V, TA= 0
°C to 70°C/ -40°C to 85°C, unless otherwise specified
-70
-85
-10
#
Symbol
Parameter
Min.
Max.
Min.
Max.
Min
Max.
READ CYCLE
1
tRC
Read Cycle Time
70
-
85
-
100
-
ns
2
tAA
Address Access Time
-
70
-
85
-
100
ns
3
tACS
Chip Select Access Time
-
70
-
85
-
100
ns
4
tOE
Output Enable to Output Valid
-
35
-
45
-
50
ns
5
tBA
/LB, /UB Access Time
-
70
-
85
-
100
ns
6
tCLZ
Chip Select to Output in Low Z
10
-
10
-
10
-
ns
7
tOLZ
Output Enable to Output in Low Z
5
-
5
-
5
-
ns
8
tBLZ
/LB, /UB Enable to Output in Low Z
10
-
10
-
10
-
ns
9
tCHZ
Chip Deselection to Output in High Z
0
30
0
30
0
30
ns
10
tOHZ
Out Disable to Output in High Z
0
30
0
30
0
30
ns
11
tBHZ
/LB, /UB Disable to Output in High Z
0
30
0
30
0
30
ns
12
tOH
Output Hold from Address Change
10
-
10
-
15
-
ns
WRITE CYCLE
13
tWC
Write Cycle Time
70
-
85
-
100
-
ns
14
tCW
Chip Selection to End of Write
60
-
70
-
80
-
ns
15
tAW
Address Valid to End of Write
60
-
70
-
80
-
ns
16
tBW
/LB, /UB Valid to End of Write
60
-
70
-
80
-
ns
17
tAS
Address Set-up Time
0
-
0
-
0
-
ns
18
tWP
Write Pulse Width
50
-
55
-
75
-
ns
19
tWR
Write Recovery Time
0
-
0
-
0
-
ns
20
tWHZ
Write to Output in High Z
0
25
0
30
0
35
ns
21
tDW
Data to Write Time Overlap
30
-
35
-
45
-
ns
22
tDH
Data Hold from Write Time
0
-
0
-
0
-
ns
23
tOW
Output Active from End of Write
5
-
5
-
10
-
ns
AC TEST CONDITIONS
TA= 0
°C to 70°C(Commercial)/ -40°C to 85°C, unless otherwise specified
PARAMETER
Value
Input Pulse Level
0.4V to 2.2V
Input Rise and Fall Time
5ns
Input and Output Timing Reference Level
1.1V
tCLZ,tOLZ,tBLZ,tCHZ,tOHZ,tBHZ,tWHZ,tOW
CL = 5pF + 1TTL Load
Output Load
Other
CL = 30pF + 1TTL Load
AC TEST LOADS
D
OUT
3345 Ohm
CL(1)
3067 Ohm
V
TM = 2.3V
Note
1. Including jig and scope capacitance
Unit


Similar Part No. - HY62LF16804A-SMC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62LF16804B HYNIX-HY62LF16804B Datasheet
307Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16804B-C HYNIX-HY62LF16804B-C Datasheet
307Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16804B-DFC HYNIX-HY62LF16804B-DFC Datasheet
307Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16804B-DFI HYNIX-HY62LF16804B-DFI Datasheet
307Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16804B-I HYNIX-HY62LF16804B-I Datasheet
307Kb / 10P
   512Kx16bit full CMOS SRAM
More results

Similar Description - HY62LF16804A-SMC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62SF16806A HYNIX-HY62SF16806A Datasheet
208Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16806B HYNIX-HY62UF16806B Datasheet
341Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16806B HYNIX-HY62LF16806B Datasheet
324Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16806A HYNIX-HY62LF16806A Datasheet
219Kb / 11P
   512Kx16bit full CMOS SRAM
HY62SF16804A HYNIX-HY62SF16804A Datasheet
202Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62UF16804B HYNIX-HY62UF16804B Datasheet
197Kb / 10P
   512Kx16bit full CMOS SRAM
HY62SF16806B HYNIX-HY62SF16806B Datasheet
314Kb / 11P
   512Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com