Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4256-1CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT4256-1CS8
Description  Positive High Voltage Hot Swap Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-1CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT4256-1CS8 Datasheet HTML 6Page - Linear Technology LT4256-1CS8 Datasheet HTML 7Page - Linear Technology LT4256-1CS8 Datasheet HTML 8Page - Linear Technology LT4256-1CS8 Datasheet HTML 9Page - Linear Technology LT4256-1CS8 Datasheet HTML 10Page - Linear Technology LT4256-1CS8 Datasheet HTML 11Page - Linear Technology LT4256-1CS8 Datasheet HTML 12Page - Linear Technology LT4256-1CS8 Datasheet HTML 13Page - Linear Technology LT4256-1CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT4256-1/LT4256-2
10
425612f
APPLICATIO S I FOR ATIO
Figure 7. Current Limit Sense Voltage vs Feedback Pin Voltage
Figure 8. Response Time to Overcurrent
Figure 11 shows how the LT4256-1/LT4256-2 are com-
manded to shut off with a logic signal. This is accom-
plished by pulling the gate of the open-drain MOSFET, Q2,
(tied to the UV pin) high.
Short-Circuit Protection
The LT4256-1/LT4256-2 features a programmable foldback
current limit with an electronic circuit breaker that protects
against short circuits or excessive load currents. The
current limit is set by placing a sense resistor (R5)
between VCC and SENSE. The current limit threshold is
calculated as:
ILIMIT = 55mV/R5
(5)
where R5 is the sense resistor.
To limit excessive power dissipation in the pass transistor
and to reduce voltage spikes on the input supply during
short-circuit conditions at the output, the current folds
back as a function of the output voltage, which is sensed
internally on FB.
If the LT4256-1/LT4256-2 go into current limit when the
voltage on FB is 0V, the current limit circuit drives the
GATE pin to force a constant 14mV drop across the sense
resistor. As the output at FB increases, the voltage across
the sense resistor increases until the FB pin reaches 2V, at
which point the voltage across the sense resistor is held
constant at 55mV (see Figure 7).
For a 0.025
Ω sense resistor, the current limit is set at
2200mA and folds back to 560mA when the output is
shorted to ground. Thus, MOSFET peak power dissipation
under short-circuit conditions is reduced from 105.6W to
26.5W. See the Layout Considerations section for impor-
tant information about board layout to minimize current
limit threshold error.
The LT4256-1/LT4256-2 also features a variable
overcurrent response time. The time required for the part
to regulate the GATE voltage is a function of the voltage
across the sense resistor connected between VCC and
SENSE. This helps to eliminate sensitivity to current
spikes and transients that might otherwise unnecessarily
trigger a current limit response and increase MOSFET
dissipation. Figure 8 shows the response time as a func-
tion of the overdrive at SENSE.
TIMER
TIMER provides a method for programming the maximum
time the part is allowed to operate in current limit. When
the current limit circuitry is not active, the TIMER pin is
pulled to GND by a 3
µA current source. When the current
limit circuitry becomes active, a 118
µA pull-up current
source is connected to TIMER and the voltage will rise with
a slope equal to 115
µA/CTIMER as long as the circuitry
stays active. Once the desired maximum current limit time
is known, the capacitor value is:
C nF
t ms C
A
V
t
[]
• [
];
.
==
µ
25
115
465
(6)
14mV
0V
2V
FB
4256 F07
55mV
VCC – VSENSE
50
100
150
200
4256 F08
12
10
8
6
4
2
VCC – VSENSE (mV)
0


Similar Part No. - LT4256-1CS8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4256-1 AD-LT4256-1 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
LT4256-1 AD-LT4256-1 Datasheet
476Kb / 26P
   Surge Stopper
LT4256-1 AD-LT4256-1 Datasheet
1Mb / 32P
   High Voltage High Current Hot Swap Controller
logo
Linear Technology
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
More results

Similar Description - LT4256-1CS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com