Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4256-1CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT4256-1CS8
Description  Positive High Voltage Hot Swap Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4256-1CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT4256-1CS8 Datasheet HTML 2Page - Linear Technology LT4256-1CS8 Datasheet HTML 3Page - Linear Technology LT4256-1CS8 Datasheet HTML 4Page - Linear Technology LT4256-1CS8 Datasheet HTML 5Page - Linear Technology LT4256-1CS8 Datasheet HTML 6Page - Linear Technology LT4256-1CS8 Datasheet HTML 7Page - Linear Technology LT4256-1CS8 Datasheet HTML 8Page - Linear Technology LT4256-1CS8 Datasheet HTML 9Page - Linear Technology LT4256-1CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT4256-1/LT4256-2
6
425612f
PI FU CTIO S
UV (Pin 1): Undervoltage Sense. UV is an input that
enables the output voltage. When UV is driven above 4V,
GATE will start charging and the output turns on. When
UV goes below 3.6V, GATE discharges and the output
shuts off.
Pulsing UV low for a minimum of 5
µs after a current limit
fault cycle resets the fault latch (LT4256-1) and allows the
part to turn back on. This command is only accepted after
TIMER has discharged below 0.65V. To disable UV sens-
ing, connect UV to a voltage beween 5V and 44V.
FB (Pin 2): Power Good Comparator Input. FB monitors
the output voltage through an external resistive divider.
When the voltage on FB is lower than the high-to-low
threshold of 4V, PWRGD is pulled low and released when
FB is pulled above the 4.45V low-to-high threshold.
The voltage present on FB affects foldback current limit
(see Figure 7 and related discussion).
PWRGD (Pin 3): Power Good Output. PWRGD is pulled
low whenever the voltage on FB falls below the 4V high-to-
low threshold voltage. It goes into a high impedance state
when the voltage on FB exceeds the low-to-high threshold
voltage. An external pull-up resistor can pull PWRGD to a
voltage higher or lower than VCC.
GND (Pin 4): Device Ground. This pin must be tied to a
ground plane for best performance.
TIMER (Pin 5): Timing Input. An external timing capacitor
from TIMER to GND programs the maximum time the part
is allowed to remain in current limit. When the part goes
into current limit, a 115
µA pull-up current source starts to
charge the timing capacitor. When the voltage on TIMER
reaches 4.65V (typ), GATE pulls low; the TIMER pull-up
current will be turned off and the capacitor is discharged
by a 3
µApull-downcurrent.WhenTIMERfallsbelow0.65V
(typ), GATE turns on again for the LT4256-2. UV must be
cycled low after TIMER has discharged below 0.65V (typ)
to reset the LT4256-1. If UV is not cycled low (LT4256-1),
GATE remains latched off and TIMER is discharged to near
GND. Under an output short-circuit condition, the
LT4256-2 cycles on and off with a 3% duty cycle.
GATE (Pin 6): High Side Gate Drive for the External N-
Channel MOSFET. An internal charge pump guarantees at
least 10V of gate drive for VCC supply voltages above 20V
and 4.5V of gate drive for VCC supply voltages between
10.8V and 20V. The rising slope of the voltage on GATE is
set by an external capacitor connected from GATE to GND
and an internal 30
µA pull-up current source from the
charge pump output.
If the current limit is reached, the GATE voltage is adjusted
to maintain a constant voltage across the sense resistor
while the timing capacitor starts to charge. If the TIMER
voltage ever exceeds 4.65V, GATE is pulled low.
GATE is also pulled to GND whenever UV is pulled low, the
VCC supplyvoltagedropsbelowtheexternallyprogrammed
undervoltage threshold, or VCC drops below the internal
UVLO threshold (9.8V).
GATE is clamped internally to a maximum voltage of 11.6V
(typ) above VCC under normal operating conditions. Driv-
ing this pin beyond the clamp voltage may damage the
part. A Zener diode is needed between the gate and source
of the external MOSFET to protect its gate oxide under
instantaneous short-circuit conditions. See Applications
Information.
SENSE (Pin 7): Current Limit Sense Input. A sense
resistor is placed in the supply path between VCC and
SENSE. The current limit circuit regulates the voltage
across the sense resistor (VCC – SENSE) to 55mV while in
current limit when FB is 2V or higher. If FB drops below
2V, the regulated voltage across the sense resistor de-
creases linearly to 14mV when FB is 0V.
To defeat current limit, connect SENSE to VCC.
VCC (Pin 8): Input Supply Voltage. The positive supply
input ranges from 10.8V to 80V for normal operation.
ICC is typically 1.8mA. An internal circuit disables the
LT4256-1/LT4256-2 for inputs less than 9.8V (typ).


Similar Part No. - LT4256-1CS8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4256-1 AD-LT4256-1 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
LT4256-1 AD-LT4256-1 Datasheet
476Kb / 26P
   Surge Stopper
LT4256-1 AD-LT4256-1 Datasheet
1Mb / 32P
   High Voltage High Current Hot Swap Controller
logo
Linear Technology
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
More results

Similar Description - LT4256-1CS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5933A MAXIM-MAX5933A Datasheet
269Kb / 15P
   Positive High-Voltage, Hot-Swap Controllers
Rev 1; 7/04
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com