Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V428YL15YYYG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71V428YL15YYYG
Description  3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V428YL15YYYG Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71V428YL15YYYG Datasheet HTML 1Page - Integrated Device Technology IDT71V428YL15YYYG Datasheet HTML 2Page - Integrated Device Technology IDT71V428YL15YYYG Datasheet HTML 3Page - Integrated Device Technology IDT71V428YL15YYYG Datasheet HTML 4Page - Integrated Device Technology IDT71V428YL15YYYG Datasheet HTML 5Page - Integrated Device Technology IDT71V428YL15YYYG Datasheet HTML 6Page - Integrated Device Technology IDT71V428YL15YYYG Datasheet HTML 7Page - Integrated Device Technology IDT71V428YL15YYYG Datasheet HTML 8Page - Integrated Device Technology IDT71V428YL15YYYG Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
6.42
4
IDT71V428S, IDT71V428L, 3.3V CMOS Static RAM
4 Meg (1M x 4-Bit)
Commercial and Industrial Temperature Ranges
AC Test Conditions
AC Test Loads
Figure 3. Output Capacitive Derating
Figure 1. AC Test Load
Figure 2. AC Test Load
(for tCLZ, tOLZ, tCHZ, tOHZ, tOW, and tWHZ)
+1.5V
50
I/O
Z0 =50
3623 drw 03
30pF
3623 drw 04
320
350
5pF*
DATAOUT
3.3V
1
2
3
4
5
6
7
20 40
60 80 100 120 140 160 180 200
∆tAA, tACS
(Typical, ns)
CAPACITANCE (pF)
8
3623 drw 05
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
AC Test Load
GND to 3.0V
1.5ns
1.5V
1.5V
See Figure 1, 2 and 3
3623 tbl 09
* Including jig and scope capacitance.


Similar Part No. - IDT71V428YL15YYYG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V428 IDT-IDT71V428 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V428S12Y IDT-IDT71V428S12Y Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V428S15Y IDT-IDT71V428S15Y Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V428S20Y IDT-IDT71V428S20Y Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
More results

Similar Description - IDT71V428YL15YYYG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V428 IDT-IDT71V428 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V424 IDT-IDT71V424 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
logo
Renesas Technology Corp
71V424 RENESAS-71V424 Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com