Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3180EEUK-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3180EEUK-T
Description  -15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3180EEUK-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3180EEUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX3180EEUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX3180EEUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX3180EEUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX3180EEUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX3180EEUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX3180EEUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX3180EEUK-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX3180E–MAX3183E single RS-232 receivers in
a SOT23-5 package are designed for space- and cost-
constrained applications requiring minimal RS-232
communications. The receiver inputs are protected to
±15kV using IEC 1000-4-2 Air-Gap Discharge, to ±8kV
using IEC 1000-4-2 Contact Discharge, and to ±15kV
per the Human Body Model, ensuring compliance with
international standards.
The devices minimize power and heat dissipation by
consuming only 0.5µA supply current from a +3.0V to
+5.5V supply, and they guarantee true RS-232 perfor-
mance up to a 1.5Mbps data rate. The MAX3180E/
MAX3182E feature a three-state TTL/CMOS receiver
output that is controlled by an EN logic input. The
MAX3181E/MAX3183E feature an INVALID output that
indicates valid RS-232 signals at the receiver input for
applications requiring automatic system wake-up. The
MAX3182E/MAX3183E have a noninverting output,
while the MAX3180E/MAX3181E have a standard
inverting output.
Applications
Diagnostic Ports
Telecommunications
Networking Equipment
Set-Top Boxes
Digital Cameras
Hand-Held Equipment
Features
o Tiny SOT23-5 Package
o ESD-Protected RS-232 Input
±15kV—Human Body Model
±8kV—IEC 1000-4-2, Contact Discharge
±15kV—IEC 1000-4-2, Air-Gap Discharge
o 0.5µA Supply Current
o 1.5Mbps Guaranteed Data Rate
o Meets EIA/TIA-232 and V.28/V.24 Specifications
Down to VCC = +3.0V
o
INVALID Output Indicates Valid RS-232 Signal at
Receiver Input (MAX3181E/MAX3183E)
o Three-State TTL/CMOS Receiver Output
(MAX3180E/MAX3182E)
o Noninverting RS-232 Output
(MAX3182E/MAX3183E)
±15kV ESD-Protected, 0.5µA, +3V to +5.5V,
1.5Mbps RS-232 Receivers in SOT23-5
________________________________________________________________
Maxim Integrated Products
1
19-1479; Rev 1; 7/99
PART
MAX3180EEUK-T -40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
Pin Configurations/Functional Diagrams appear at end of
data sheet.
Selector Guide
Ordering Information
TOP
MARK
ACHB
MAX3181EEUK-T -40°C to +85°C
5 SOT23-5
ACHC
MAX3182EEUK-T -40°C to +85°C
5 SOT23-5
ACHD
MAX3183EEUK-T -40°C to +85°C
5 SOT23-5
ACHE
ESD
PROTECTION
(kV)
MAX3180E
±15
PART
PACKAGE
SOT23-5
SUPPLY
CURRENT
(µA)
0.5
EN
INPUT

INVALID
OUTPUT
INVERTING
ROUT

NON-
INVERTING
ROUT
MAX3181E
±15
SOT23-5
0.5


MAX3182E
±15
SOT23-5
0.5


MAX3183E
±15
SOT23-5
0.5




Similar Part No. - MAX3180EEUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3180EUK-T MAXIM-MAX3180EUK-T Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
19-1444; Rev 1; 7/99
MAX3180EUK-T MAXIM-MAX3180EUK-T Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
More results

Similar Description - MAX3180EEUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3180 MAXIM-MAX3180 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
19-1444; Rev 1; 7/99
MAX3180-MAX3183 MAXIM-MAX3180-MAX3183 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
logo
Intersil Corporation
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com