Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF622 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF622
Description  NPN high-voltage transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF622 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF622 Datasheet HTML 1Page - NXP Semiconductors BF622 Datasheet HTML 2Page - NXP Semiconductors BF622 Datasheet HTML 3Page - NXP Semiconductors BF622 Datasheet HTML 4Page - NXP Semiconductors BF622 Datasheet HTML 5Page - NXP Semiconductors BF622 Datasheet HTML 6Page - NXP Semiconductors BF622 Datasheet HTML 7Page - NXP Semiconductors BF622 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 21
2
Philips Semiconductors
Product specification
NPN high-voltage transistors
BF620; BF622
FEATURES
• Low current (max. 50 mA)
• High voltage (max. 300 V).
APPLICATIONS
• Video output stages.
DESCRIPTION
NPN high-voltage transistor in a SOT89 plastic package.
PNP complements: BF621 and BF623.
MARKING
TYPE NUMBER
MARKING CODE
BF620
DC
BF622
DA
PINNING
PIN
DESCRIPTION
1
emitter
2
collector
3
base
Fig.1 Simplified outline (SOT89) and symbol.
handbook, halfpage
123
Bottom view
MAM296
3
2
1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 6 cm2.
For other mounting conditions, see
“Thermal considerations for SOT89 in the General Part of associated Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BF620
300
V
BF622
250
V
VCEO
collector-emitter voltage
open-base
BF620
300
V
BF622
250
V
VEBO
emitter-base voltage
open collector
5V
IC
collector current (DC)
50
mA
ICM
peak collector current
100
mA
IBM
peak base current
50
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
1.25
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - BF622

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF622 SIEMENS-BF622 Datasheet
129Kb / 4P
   NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
logo
List of Unclassifed Man...
BF622 ETC1-BF622 Datasheet
34Kb / 2P
   The Small-signal NPN Silicon High Voltage Medium-Power Transistor
logo
Guangdong Kexin Industr...
BF622 KEXIN-BF622 Datasheet
52Kb / 2P
   Silicon NPN epitaxial planer type
logo
NXP Semiconductors
BF622 NXP-BF622 Datasheet
131Kb / 10P
   NPN high-voltage transistors
2004 Dec 14
logo
Shenzhen Jin Yu Semicon...
BF622 HTSEMI-BF622 Datasheet
265Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - BF622

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com