Electronic Components Datasheet Search |
|
HY62V8400ALLT2-E Datasheet(PDF) 4 Page - Hynix Semiconductor |
|
HY62V8400ALLT2-E Datasheet(HTML) 4 Page - Hynix Semiconductor |
4 / 11 page HY62V8400A Series Rev 06 / Apr. 2001 3 RECOMMENDED DC OPERATING CONDITION TA = 0¡ Éto 70¡ É (Normal)/-25 °C to 85°C (Extended) /-40°C to 85°C (Industrial), unless otherwise specified. Symbol Parameter Min. Typ. Max. Unit Vcc Supply Voltage 3.0 3.3 3.6 V Vss Ground 0 0 0 V VIH Input High Voltage 2.2 - Vcc+0.3 V VIL Input Low Voltage -0.3(1) - 0.4 V Note : 1. VIL = -1.5V for pulse width less than 30ns and not 100% tested. DC ELECTRICAL CHARACTERISTICS TA = 0¡ Éto 70¡ É (Normal)/-25 °C to 85°C (Extended) /-40°C to 85°C (Industrial), unless otherwise specified. Symbol Parameter Test Condition Min Typ Max Unit ILI Input Leakage Current Vss < VIN < Vcc -1 - 1 uA ILO Output Leakage Current Vss < VOUT < Vcc, /CS = VIH or / OE = VIH or /WE = VIL -1 - 1 uA Icc Operating Power Supply Current /CS = VIL, VIN = VIH or VIL, II/O = 0mA - 5 mA ICC1 Average Operating Current /CS = VIL Min Duty Cycle = 100%, VIN = VIH or VIL, II/O = 0mA - 40 mA ISB TTL Standby Current (TTL Input) /CS = VIH , VIN = VIH or VIL - 0.5 mA ISB1 /CS > Vcc - 0.2V, LL - - 20 uA Standby Current (CMOS Input) VIN > Vcc - 0.2V or VIN < Vss + 0.2V LL-E/I - - 30 uA VOL Output Low Voltage IOL = 2.1mA - - 0.4 V VOH Output High Voltage IOH = -1mA 2.2 - - V Note : Typical values are at Vcc = 3.3V, TA = 25 °C CAPACITANCE Temp = 25 °C, f= 1.0MHz Symbol Parameter Condition Max. Unit CIN Input Capacitance VIN = 0V 6 pF COUT Output Capacitance VI/O = 0V 8 pF Note : This parameter is sampled and not 100% tested |
Similar Part No. - HY62V8400ALLT2-E |
|
Similar Description - HY62V8400ALLT2-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |