Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13122DW Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC13122DW
Description  AMAX STEREO CHIPSET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13122DW Datasheet(HTML) 3 Page - Motorola, Inc

  MC13122DW Datasheet HTML 1Page - Motorola, Inc MC13122DW Datasheet HTML 2Page - Motorola, Inc MC13122DW Datasheet HTML 3Page - Motorola, Inc MC13122DW Datasheet HTML 4Page - Motorola, Inc MC13122DW Datasheet HTML 5Page - Motorola, Inc MC13122DW Datasheet HTML 6Page - Motorola, Inc MC13122DW Datasheet HTML 7Page - Motorola, Inc MC13122DW Datasheet HTML 8Page - Motorola, Inc MC13122DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
MC13027 MC13122
3
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. MC13027 Test Circuit
3
4
RF In
1
2
3
4
5
6
7
8
VCC
Gnd
Mixer In
Mixer 4.0 V
Tuning V
VCLO
VCLO 4.0 V
C87
0.1
R2
82
R1
100 k
RL2
51
RM2
16.7
R299
51
RM1
16.7
Pulse In
RF In
Pulse On
RF
Mixer In
Blanker In
WB AGC
RL1
51
R10
56 k
C5
22
µF
C14
47
µF
R200
560 k
VCC
VCC
On
R4
47
R11
47
Q1
MMBFJ309L
RM5
16.7
CM1
0.01
C11
0.1
C293
10
µF
C6
0.1
R201
120
C37
0.01
100
LO Out
Tuning Voltage
4.0 V Reg
C9
47
µF
C16
10
µF
C26
1.0
µF
C10
0.01
R20
47 k
C90
0.1
R3b
10 k
R18
2.35 k
R1b
10 k
R16
3.3 k
RT1
39 k
Q2
(Note 1)
Q3
(Note 1)
R19
500 k
R17
500 k
R15
500 k
C103
0.1
R12
1.8 k
Q1b
(Note 1)
R5b
390 k
R21
510
C16 120
L2 1.0 mH
Murata
SFG450E
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
WB AGC
Out
Audio
Blank Time
Audio
Blank Pulse
Audio Blank
Delay Time
IF Out
RF Blank
Time
IF In
Gnd2
RF Blank
Mixer Out
WB AGC
In
Blanker
AGC
Feedback
4.0 V Reg
RF Gnd
Mixer In
Blanker RF In
4.0 Filter
VCC
VCO
LO Out
WB AGC Out
Audio Blank
IF Out
RF Blank
R2b
10 k
1
2
5
VCC
AGC
Feedback
MC13027
RF Module
Q4
MMBT3904L
VCC
VCC
+
+
+
+
+
+
NOTE:
1. General purpose NPN transistor 2N3904 or equivalent.


Similar Part No. - MC13122DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1312P MOTOROLA-MC1312P Datasheet
387Kb / 12P
   CBS SQ LOGIC DECODER SYSTEM
More results

Similar Description - MC13122DW

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD-750 AMD-AMD-750 Datasheet
322Kb / 12P
   Chipset
logo
Intel Corporation
301467-005 INTEL-301467-005 Datasheet
3Mb / 426P
   Express Chipset
317610-001 INTEL-317610-001 Datasheet
2Mb / 342P
   Express Chipset
317607-001 INTEL-317607-001 Datasheet
2Mb / 351P
   Express Chipset
logo
Advantech Co., Ltd.
IDAQ-964 ADVANTECH-IDAQ-964 Datasheet
212Kb / 1P
   4-slot Industrial DAQ Chassis Module for AMAX-5000 Controllers
8-Feb-2022
logo
Macronix International
MX86251 MCNIX-MX86251 Datasheet
497Kb / 32P
   3D graphic chipset
logo
Cyrustek corporation
ES51920 CYRUSTEK-ES51920 Datasheet
444Kb / 11P
   LCR meter chipset
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
   Powerline Networking Chipset
logo
Quantum Research Group
MSM6500 QUANTUM-MSM6500 Datasheet
366Kb / 8P
   MSM6500??CHIPSET SOLUTION
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710 Datasheet
271Kb / 1P
   VIA CX700M chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com