Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7322T-10K-XXXX-6-SW1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7322T-10K-XXXX-6-SW1
Description  Industrial Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

7322T-10K-XXXX-6-SW1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7322T-10K-XXXX-6-SW1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7322T-10K-XXXX-6-SW1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
Series 7000
Industrial Potentiometer
Mechanical
Standard Shaft Size (Dia.)
.3747"
Shaft Extension(s)
0.80" with .50x.05" flat
Shaft Seals
Neoprene or PTFE Options
Mounting
Refer to dimensional drawings
Bearings
3/8" ID, ABEC 5P Shielded
Radial Loading
30 lbs. Operating
Axial Loading
15 lbs. Operating
Mechanical Angle
Continuous
Rotational Life
10,000,000 Cycles Typical
Standard Gear Ratio
1:1 (Others available)
Housing
Black Anodized Aluminum
Weight
Standard: 24 oz., Sealed: 34 oz.
Connector
3, 6 Pin MS3102 or 18" Cable Out
Electrical
Power Rating at 40º C1 Watt
Dielectric Strength
500 Vac
Resistance Element
Conductive Plastic
Standard Resistance Values
1K, 5K, 10K Ohm
Resistance Tolerance
±10%
Electrical Angle
320º ±5º
Wiper Assembly
Precious Metal
Independent Linearity
±1%
Resolution
Essentially
Environmental
Operating Temp.
-55º to +105º C
Temperature Coefficient
±400 ppm/ ºC
Vibration
10 to 2000 Hertz at 15 g’s
Humidity
100% Relative Humidity
Enclosures (Sealed)
NEMA 4 type - Watertight
(Standard)
NEMA 12/13 equiv. — Dust-, Oil-Tight
• Enclosure: 3" Cube
• NEMA 12/13 or NEMA 4 type Sealing
• Flush or Flange Base
• Double Shielded ABEC 5 Ball Bearings, Internal
mount provides higher level of reliability
• Steel Gear Drive protects against Shock and
Vibration
• 1:1 Standard Ratio, Others available
• 1K, 5K, 10K Ohm 1W Pots, Continuous
Mechanical Rotation
• Ideal for Dancer Applications
• Limit Switches Option - Rated at 5 amp - 115VAC
standard Gold Crosspoint Contacts Standard
• Operating Temperature Rating: -55º to +105º C
(-67º to +221º F) for harsh industrial environments
For the latest specifications visit our website
www.herculesencoders.com
Hercules Encoders
Specifications


Similar Part No. - 7322T-10K-XXXX-6-SW1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
73221E3 VISHAY-73221E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
73224 VISHAY-73224 Datasheet
87Kb / 8P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. A, 17-Jan-05
logo
Molex Electronics Ltd.
73225-0040 MOLEX-73225-0040 Datasheet
302Kb / 2P
   2.2-5 PLUG STR FOR 3/8SF CABLE, 50 OHMS SOLDERING, 2.2-5-PS
2019/08/09
73225-0041 MOLEX-73225-0041 Datasheet
302Kb / 2P
   2.2-5 PLUG STR FOR 3/8SF CABLE, 50 OHMS SOLDERING, 2.2-5-PS
2019/08/09
73225-0042 MOLEX-73225-0042 Datasheet
302Kb / 2P
   2.2-5 PLUG STR FOR 3/8SF CABLE, 50 OHMS SOLDERING, 2.2-5-PS
2019/08/09
More results

Similar Description - 7322T-10K-XXXX-6-SW1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRV4 VISHAY-PRV4_17 Datasheet
107Kb / 5P
   Industrial Potentiometer
Revision: 04-Jul-17
PRV4 VISHAY-PRV4 Datasheet
140Kb / 4P
   Industrial Potentiometer
Revision: 21-Sep-06
PRV4 VISHAY-PRV4_V01 Datasheet
94Kb / 5P
   Industrial Potentiometer
01-Jan-2022
UIPMA VISHAY-UIPMA_V01 Datasheet
265Kb / 7P
   Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
01-Jan-2022
UIPMA VISHAY-UIPMA Datasheet
288Kb / 7P
   Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
Revision: 22-Jan-18
logo
CTS Corporation
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
logo
Bourns Electronic Solut...
3290H-1-103M BOURNS-3290H-1-103M Datasheet
130Kb / 1P
   Square Trimpot Trimming Potentiometer Multiturn/ Wirewound / Industrial / Sealed
logo
CTS Corporation
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
logo
Productwell Precision E...
PTHHPB PRODUCTWELL-PTHHPB Datasheet
86Kb / 1P
   POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com