Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V428L15YYYGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71V428L15YYYGI
Description  3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V428L15YYYGI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71V428L15YYYGI Datasheet HTML 1Page - Integrated Device Technology IDT71V428L15YYYGI Datasheet HTML 2Page - Integrated Device Technology IDT71V428L15YYYGI Datasheet HTML 3Page - Integrated Device Technology IDT71V428L15YYYGI Datasheet HTML 4Page - Integrated Device Technology IDT71V428L15YYYGI Datasheet HTML 5Page - Integrated Device Technology IDT71V428L15YYYGI Datasheet HTML 6Page - Integrated Device Technology IDT71V428L15YYYGI Datasheet HTML 7Page - Integrated Device Technology IDT71V428L15YYYGI Datasheet HTML 8Page - Integrated Device Technology IDT71V428L15YYYGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
6.42
2
IDT71V428S, IDT71V428L, 3.3V CMOS Static RAM
4 Meg (1M x 4-Bit)
Commercial and Industrial Temperature Ranges
Pin Configuration
SOJ
Top View
Pin Description
Truth Table(1,2)
Capacitance
(TA = +25°C, f = 1.0MHz, SOJ package)
A0
A1
A2
A3
A4
CS
I/O 0
VDD
VSS
I/O 1
WE
A5
A6
A7
A8
A9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A19
A18
A17
A16
A15
OE
I/O 3
VSS
VDD
I/O 2
A14
A13
A12
A11
A10
NC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
SO32-3
3623 drw 02
NOTE:
1. This parameter is guaranteed by device characterization, but not production tested.
NOTES:
1. H = VIH, L = VIL, x = Don't care.
2. VLC = 0.2V, VHC = VCC -0.2V.
3. Other inputs
≥VHC or ≤VLC.
A0 – A19
Address Inputs
Input
CS
Chip Select
Input
WE
Write Enable
Input
OE
Output Enable
Input
I/O0 - I/O3
Data Input/Output
I/O
VDD
3.3V Power
Power
VSS
Ground
Gnd
3623 tbl 02
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
8
pF
3623 tbl 03
CS
OE
WE
I/O
Function
LL
H
DATAOUT
Read Data
LX
L
DATAIN
Write Data
L
H
H
High-Z
Output Disabled
H
X
X
High-Z
Deselected - Standby (ISB)
VHC(3)
X
X
High-Z
Deselected - Standby (ISB1)
3623 tbl 01


Similar Part No. - IDT71V428L15YYYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V428 IDT-IDT71V428 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V428S12Y IDT-IDT71V428S12Y Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V428S15Y IDT-IDT71V428S15Y Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V428S20Y IDT-IDT71V428S20Y Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
More results

Similar Description - IDT71V428L15YYYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V428 IDT-IDT71V428 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
IDT71V424 IDT-IDT71V424 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
logo
Renesas Technology Corp
71V424 RENESAS-71V424 Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com