Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF689K Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF689K
Description  NPN 2 GHz wideband transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF689K Datasheet(HTML) 4 Page - NXP Semiconductors

  BF689K Datasheet HTML 1Page - NXP Semiconductors BF689K Datasheet HTML 2Page - NXP Semiconductors BF689K Datasheet HTML 3Page - NXP Semiconductors BF689K Datasheet HTML 4Page - NXP Semiconductors BF689K Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
September 1995
4
Philips Semiconductors
Product specification
NPN 2 GHz wideband transistor
BF689K
PACKAGE OUTLINE
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.40
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
max
L2
max
2.5
2.5
b1
0.66
0.56
DIMENSIONS (mm are the original dimensions)
Notes
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54 variant
TO-92
SC-43
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads (on-circle)
SOT54 variant
1
2
3
L2
e1
e
97-04-14


Similar Part No. - BF689K

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BF689K NJSEMI-BF689K Datasheet
89Kb / 2P
   NPN 2 GHz wideband transistor
More results

Similar Description - BF689K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFT25 PHILIPS-BFT25 Datasheet
60Kb / 8P
   NPN 2 GHz wideband transistor
November 1992
logo
New Jersey Semi-Conduct...
BF763 NJSEMI-BF763 Datasheet
76Kb / 2P
   NPN 2 GHz wideband transistor
logo
Quanzhou Jinmei Electro...
BFT25 JMNIC-BFT25_15 Datasheet
57Kb / 8P
   NPN 2 GHz wideband transistor
logo
NXP Semiconductors
BFR53 PHILIPS-BFR53 Datasheet
89Kb / 12P
   NPN 2 GHz wideband transistor
1997 Oct 28
BFG16A PHILIPS-BFG16A Datasheet
71Kb / 8P
   NPN 2 GHz wideband transistor
1995 Sep 12
logo
New Jersey Semi-Conduct...
BF689K NJSEMI-BF689K Datasheet
89Kb / 2P
   NPN 2 GHz wideband transistor
logo
Quanzhou Jinmei Electro...
BFT25_2015 JMNIC-BFT25_2015 Datasheet
57Kb / 8P
   NPN 2 GHz wideband transistor
logo
NXP Semiconductors
BFT25_CNV PHILIPS-BFT25_CNV_15 Datasheet
221Kb / 10P
   NPN 2 GHz wideband transistor
November 1992
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com