Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9755AST Datasheet(PDF) 8 Page - Analog Devices

Part # AD9755AST
Description  14-Bit, 300 MSPS High Speed TxDAC D/A Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9755AST Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9755AST Datasheet HTML 4Page - Analog Devices AD9755AST Datasheet HTML 5Page - Analog Devices AD9755AST Datasheet HTML 6Page - Analog Devices AD9755AST Datasheet HTML 7Page - Analog Devices AD9755AST Datasheet HTML 8Page - Analog Devices AD9755AST Datasheet HTML 9Page - Analog Devices AD9755AST Datasheet HTML 10Page - Analog Devices AD9755AST Datasheet HTML 11Page - Analog Devices AD9755AST Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
REV. B
AD9755–Typical Performance Characteristics
–8–
fOUT (MHz)
90
70
40
100
10
0
80
60
50
20
30
40
50
60
70
80
90
0dBmFS
–6dBmFS
–12dBmFS
TPC 2. Single-Tone SFDR vs. fOUT @
fDAC = 200 MSPS
fOUT (MHz)
90
70
40
100
10
0
80
60
50
20
30
40
50
60
70
80
90
SFDR NEAR CARRIERS
(2F1-F2, 2F2-F1)
SFDR OVER
NYQUIST BAND
TPC 5. Two-Tone IMD vs. fOUT @
fDAC = 200 MSPS, 1 MHz Spacing
between Tones, 0 dBFS
AOUT (dBm)
90
70
40
–6
–16
80
60
50
–14
–12
–10
–8
–4
–2
0
26MHz @ 130MSPS
40MHz @ 200MSPS
60MHz @ 300MSPS
TPC 8. Single-Tone SFDR vs. AOUT
@ fOUT = fDAC /5
fOUT (MHz)
90
70
40
100
0
80
60
50
20
40
60
80
120
140
160
0dBmFS
–6dBmFS
–12dBmFS
TPC 3. Single-Tone SFDR vs. fOUT @
fDAC = 300 MSPS
fOUT (MHz)
90
70
40
100
0
80
60
50
20
40
60
80
120
140
160
SFDR CLOSE TO CARRIERS
(2F1-F2, 2F2-F1)
SFDR OVER NYQUIST BAND
TPC 6. Two-Tone IMD vs. fOUT @
fDAC = 300 MSPS, 1 MHz Spacing
between Tones, 0 dBFS
AOUT (dBm)
90
70
40
–6
–16
80
60
50
–14 –12 –10 –8
–4
–2
0
–18
–20
18.18/19.18MHz
@ 200MSPS
11.82/12.82MHz
@ 130MSPS
27.27/28.27MHz
@ 300MSPS
TPC 9. Two-Tone IMD (Third Order
Products) vs. AOUT @ fOUT = fDAC /11
fOUT (MHz)
90
70
40
35
5
0
80
60
50
10
15
20
25
30
0dBmFS
–6dBmFS
–12dBmFS
TPC 1. Single-Tone SFDR vs. fOUT @
fDAC = 65 MSPS; Single Port Mode
fOUT (MHz)
90
70
40
100
0
80
60
50
20
40
60
80
120
140
200MSPS
300MSPS
65MSPS
TPC 4. SFDR vs. fOUT @ 0 dBFS
AOUT (dB)
90
70
40
–6
–16
80
60
50
–14
–12
–10
–8
–4
–2
0
11.82MHz @ 130MSPS
18.18MHz @ 200MSPS
27.27MHz @ 300MSPS
TPC 7. Single-Tone SFDR vs. AOUT
@ fOUT = fDAC /11


Similar Part No. - AD9755AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9755AST AD-AD9755AST Datasheet
904Kb / 26P
   12-Bit, 300 MSPS High-Speed TxDACD/A Converter
REV. 0
More results

Similar Description - AD9755AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9753 AD-AD9753 Datasheet
904Kb / 26P
   12-Bit, 300 MSPS High-Speed TxDACD/A Converter
REV. 0
AD9753ASTZ AD-AD9753ASTZ Datasheet
820Kb / 28P
   12-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
AD9751 AD-AD9751 Datasheet
714Kb / 26P
   10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV. 0
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9754ARURL7 AD-AD9754ARURL7 Datasheet
326Kb / 24P
   14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
AD9754 AD-AD9754 Datasheet
327Kb / 24P
   14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
AD9767 AD-AD9767 Datasheet
469Kb / 27P
   14-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com