Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16080ACCZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16080ACCZ
Description  짹80째/sec Yaw Rate Gyro with SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16080ACCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16080ACCZ Datasheet HTML 2Page - Analog Devices ADIS16080ACCZ Datasheet HTML 3Page - Analog Devices ADIS16080ACCZ Datasheet HTML 4Page - Analog Devices ADIS16080ACCZ Datasheet HTML 5Page - Analog Devices ADIS16080ACCZ Datasheet HTML 6Page - Analog Devices ADIS16080ACCZ Datasheet HTML 7Page - Analog Devices ADIS16080ACCZ Datasheet HTML 8Page - Analog Devices ADIS16080ACCZ Datasheet HTML 9Page - Analog Devices ADIS16080ACCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADIS16080
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Acceleration (Any Axis, Unpowered, 0.5 ms)
2000 g
Acceleration (Any Axis, Powered, 0.5 ms)
2000 g
VCC to COM
−0.3 V to +6.0 V
VDRIVE to COM
−0.3 V to VCC + 0.3 V
Analog Input Voltage to COM
−0.3 V to VCC + 0.3 V
Digital Input Voltage to COM
−0.3 V to +7.0 V
Digital Output Voltage to COM
−0.3 V to VCC + 0.3 V
STx Input Voltage to COM
−0.3 V to VCC + 0.3 V
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Drops onto hard surfaces can cause shocks of greater than
2000 g and exceed the absolute maximum rating of the device.
Care should be exercised in handling to avoid damage.
ESD CAUTION


Similar Part No. - ADIS16080ACCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16080 AD-ADIS16080 Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16080 AD-ADIS16080 Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
ADIS16080PCBZ AD-ADIS16080PCBZ Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16080PCBZ AD-ADIS16080PCBZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
More results

Similar Description - ADIS16080ACCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16100 AD-ADIS16100 Datasheet
421Kb / 16P
   -300째/sec Yaw Rate Gyro with SPI Interface
REV. A
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com