Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-A2981-310.0 Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # PJ-A2981-310.0
Description  CRYSTAL CLOCK OSCILLATORS Differential Positive ECL (DPECL) Fast Edge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

PJ-A2981-310.0 Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  PJ-A2981-310.0 Datasheet HTML 1Page - Nel Frequency Controls,inc PJ-A2981-310.0 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
PJ-B2980 Series
Continued
Differential Positive ECL (DPECL) Fast Edge
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
60.0MHz
-----
312.5MHz
Duty Cycle
-----
@ V
CC-1.29V
45/55%
-----
55/45%
Logic 0
(2)
V
OL
-----
-----
-----
V
CC -1.62V
Logic 1
(2)
V
OH
-----
V
CC -1.025V
-----
-----
Rise & Fall Time
tr,tf
20-80%V
O with 50 ohm load to VCC-2V -----
-----
1 ns
T
pd
(4)
-----
-----
-200 psec
-----
+200 psec
Jitter, RMS
(3)
-----
-----
-----
-----
1 psec
Enable Voltage
(5)
-----
with V
EE = 0V
1.6V
-----
-----
Disable Voltage
-----
with V
EE = 0V
-----
-----
0.4V
Frequency Stability
(1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
CC
-----
2.375V
2.5V
2.625V
Supply Current
I
CC
50 ohm termination
0.0 mA
-----
80 mA
To 2.00V below V
CC
Output current
I
O
Low level Output Current
0.0 mA
-----
±50.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
210 mW
Solder temperature
T
L
4 minutes
-----
-----
253°C
Load
50 Ohm to V
CC-2V or Thevenin Equivalent, Bias Required
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-883, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) V
OL, VOH, referenced to ground (VEE) with VCC = 2.5V
3) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
RMS jitter bandwidth of 12kHz to 20MHz.
4) Tpd is phse shift between the falling edge of pin 4 at 2.0V and the rising edge of pin 5 at 2.01V.
5) Open to enable pin also enables the output.
6) Internal high frequency power source decoupling.
Rev. G
CRYSTAL CLOCK OSCILLATORS
PJ - B298X - FREQ
Package Code
Tolerance/Performance
PJ
6 J Lead SMD
0 ±100ppm 0-70°C
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code
Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
B
2.5V
C ±100ppm -40 to +85°C
5V
Creating a Part Number
Data Sheet 0350C


Similar Part No. - PJ-A2981-310.0

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
PJ-A2981-FREQ NEL-PJ-A2981-FREQ Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - PJ-A2981-310.0

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2920 NEL-HS-2920 Datasheet
261Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
HS-A2920 NEL-HS-A2920 Datasheet
262Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
PJ-B2980 NEL-PJ-B2980_10 Datasheet
160Kb / 3P
   Differential Positive ECL (DPECL) Fast Edge
PJ-A2980 NEL-PJ-A2980_10 Datasheet
160Kb / 3P
   Differential Positive ECL (DPECL) Fast Edge
HS-2920 NEL-HS-2920_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
HS-A2920 NEL-HS-A2920_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
SJ-A2920 NEL-SJ-A2920_10 Datasheet
105Kb / 3P
   Differential Positive ECL (DPECL) Fast Edge
SJ-A2920 NEL-SJ-A2920 Datasheet
353Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
SD-A29H0 NEL-SD-A29H0 Datasheet
183Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
HA-2870 NEL-HA-2870_10 Datasheet
65Kb / 2P
   Differential Positive ECL (DPECL)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com