Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OE-A8HTYZEL Datasheet(PDF) 3 Page - Nel Frequency Controls,inc

Part # OE-A8HTYZEL
Description  Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OE-A8HTYZEL Datasheet(HTML) 3 Page - Nel Frequency Controls,inc

  OE-A8HTYZEL Datasheet HTML 1Page - Nel Frequency Controls,inc OE-A8HTYZEL Datasheet HTML 2Page - Nel Frequency Controls,inc OE-A8HTYZEL Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635J
OE-X8HXXXXX Series
OE - X 8H X XX X X
Package Code
OE
5 pin 36x27mm
Creating a Part Number
Temperature Range
Code
Specification
A
0°C to 50°C
B
-10°C to 60°C
C
0°C to 70°C
D
-20°C to 70°C
E
-30°C to 70°C
F
-40°C to 80°C
Temperature Stability
Code
Specification
17
1x10
-7
58
5x10
-8
28
2x10
-8
18
1x10
-8
59
5x10
-9
YZ
Yx10
-Z
Aging
Code
Specification
L
1x10
-9/Day
S
5x10
-10/Day
P
2x10
-10/Day
Supply Voltage
Code
Specification
0
5V ± 5%
A
3.3V± 5%
F
12V 5%
Not all combinations are available. Consult Factory
.
Output
Code
Specification
T
TTL
S
Sinewave


Similar Part No. - OE-A8HTYZEL

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OE-38GVC17A NEL-OE-38GVC17A Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
OE-38GVC17B NEL-OE-38GVC17B Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
OE-38GVC17C NEL-OE-38GVC17C Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
OE-38GVC17D NEL-OE-38GVC17D Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
OE-38GVC17E NEL-OE-38GVC17E Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
More results

Similar Description - OE-A8HTYZEL

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OD-X8HXXXXX NEL-OD-X8HXXXXX Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OF-X8HXXXXX NEL-OF-X8HXXXXX Datasheet
87Kb / 3P
   Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
OGX8HXXXXX NEL-OGX8HXXXXX Datasheet
44Kb / 3P
   Precision SC-cut OCXO in 1?쓝1??Through Hole Package
OD-X8JXXXXX NEL-OD-X8JXXXXX Datasheet
38Kb / 3P
   Precision, Low Power Consumption, Fast Warm-up SC-cut OCXO in 20x20 mm Through Hole Package
logo
Vectron International, ...
C4500 VECTRON-C4500 Datasheet
233Kb / 5P
   OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
C4710 VECTRON-C4710 Datasheet
121Kb / 4P
   OCXO Low Phase Noise High Stability SC-Cut Crystal Standard
C4700 VECTRON-C4700 Datasheet
84Kb / 4P
   OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
C4700 VECTRON-C4700_08 Datasheet
136Kb / 4P
   OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
C4600 VECTRON-C4600 Datasheet
146Kb / 4P
   OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
C4505 VECTRON-C4505 Datasheet
212Kb / 5P
   OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com