Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73133DBVRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS73133DBVRG4
Description  Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73133DBVRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73133DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS73133DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS73133DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS73133DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS73133DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS73133DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS73133DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS73133DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS73133DBVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
0
15
30
45
60
75
90
105
120
135 150
IOUT (mA)
Referred to IOUT = 10mA
0.20
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
−0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
IN − VOUT (V)
+125
_C
+25
_C
−40_C
Referred to V
IN = VOUT + 0.5V at IOUT = 10mA
50
40
30
20
10
0
0
30
60
90
120
150
IOUT (mA)
+125
_C
TPS73125DBV
+25
_C
−40_C
50
40
30
20
10
0
−50
−25
0
25
50
75
100
125
Temperature (
_C)
TPS73125DBV
I
OUT = 150mA
30
25
20
15
10
5
0
V
OUT Error (%)
I
OUT = 10mA
18
16
14
12
10
8
6
4
2
0
Worst Case dV
OUT/dT (ppm/_ C)
I
OUT = 10mA
All Voltage Versions
TPS731xx
SBVS034H – SEPTEMBER 2003 – REVISED OCTOBER 2006
For all voltage versions at T
J= 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
LOAD REGULATION
LINE REGULATION
Figure 3.
Figure 4.
DROPOUT VOLTAGE vs OUTPUT CURRENT
DROPOUT VOLTAGE vs TEMPERATURE
Figure 5.
Figure 6.
OUTPUT VOLTAGE ACCURACY HISTOGRAM
OUTPUT VOLTAGE DRIFT HISTOGRAM
Figure 7.
Figure 8.
6
Submit Documentation Feedback


Similar Part No. - TPS73133DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73133DBVRG4 TI1-TPS73133DBVRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
More results

Similar Description - TPS73133DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com