Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMB02070X4703JB200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CMB02070X4703JB200
Description  High Pulse Load MELF Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMB02070X4703JB200 Datasheet(HTML) 3 Page - Vishay Siliconix

  CMB02070X4703JB200 Datasheet HTML 1Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 2Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 3Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 4Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 5Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 6Page - Vishay Siliconix CMB02070X4703JB200 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CMB 0207
High Pulse Load MELF Resistor
Vishay Beyschlag
Document Number: 28755
For technical questions, contact: ff3bresistors@vishay.com
www.vishay.com
Revision: 31-Oct-06
81
DIMENSIONS
Note
1. Color code marking is applied according to IEC 60062* in four bands. Each color band appears as a single solid line, voids are permissible
if at least 2/3 of the band is visible from each radial angle of view. The last color band for tolerance is approximately, 50 % wider than the
other bands. A brown interrupted band between the 2nd and 3rd full band indicates the special carbon film type.
Note
2. Please select resistance values for ± 5 % and ± 2 % tolerance from the E24 series.
PACKAGING
MODEL
BLISTER TAPE ON REEL
ACC. IEC 60286-3
DIAMETER
PIECES/REEL
CODE
CMB0207
180 mm/7"
2000
B2
330 mm/13"
7000
B7
L
D
L 1
K
D1
Color code marking
1)
DIMENSIONS - MELF resistor types, mass and relevant physical dimensions
TYPE
L
(mm)
D
(mm)
L1 min
(mm)
D1
(mm)
K
(mm)
MASS
(mg)
CMB 0207
5.8 + 0/- 0.15
2.2 + 0/- 0.2
3.2
D + 0/- 0.2
1.15 ± 0.1
79
TOLERANCE AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE VALUE2)
TOLERANCE
CMB 0207
± 5 %
2.2
Ω to 15 Ω
± 2 %
16
Ω to 1.5 MΩ


Similar Part No. - CMB02070X4703JB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMB02070X4701GB200 VISHAY-CMB02070X4701GB200 Datasheet
114Kb / 6P
   High Pulse Load MELF Resistor
Revision: 31-Oct-06
CMB02070X4701GB700 VISHAY-CMB02070X4701GB700 Datasheet
114Kb / 6P
   High Pulse Load MELF Resistor
Revision: 31-Oct-06
CMB02070X4701JB200 VISHAY-CMB02070X4701JB200 Datasheet
114Kb / 6P
   High Pulse Load MELF Resistor
Revision: 31-Oct-06
CMB02070X4701JB700 VISHAY-CMB02070X4701JB700 Datasheet
114Kb / 6P
   High Pulse Load MELF Resistor
Revision: 31-Oct-06
More results

Similar Description - CMB02070X4703JB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204 Datasheet
106Kb / 8P
   High Pulse Load MELF Resistor
Revision: 27-Feb-04
CMB02070X1002GB200 VISHAY-CMB02070X1002GB200 Datasheet
114Kb / 6P
   High Pulse Load MELF Resistor
Revision: 31-Oct-06
CMA02040X5609GB300 VISHAY-CMA02040X5609GB300 Datasheet
140Kb / 10P
   High Pulse Load MELF Resistor
Revision: 18-Jul-06
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
   High Pulse Load MELF Resistors
Revision: 01-Mar-10
logo
Token Electronics Indus...
RGM TOKEN-RGM Datasheet
425Kb / 5P
   Anti-Surge Pulse Load Melf Resistors
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
   Pulse Load Carbon Film MELF Resistors for High Frequency Applications
Revision: 01-Dec-09
CMB02070X2700GB200 VISHAY-CMB02070X2700GB200 Datasheet
145Kb / 7P
   High Pulse Load, High Voltage (up to 0.5 kV) Carbon Film MELF Resistors
Revision: 16-May-13
logo
KOA Speer Electronics, ...
CC10 KOA-CC10 Datasheet
356Kb / 2P
   zero ohm melf resistor
CPCN2N KOA-CPCN2N Datasheet
88Kb / 2P
   fixed ceramic melf resistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com