Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE25-324-0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SE25-324-0
Description  Smart Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SE25-324-0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SE25-324-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers SE25-324-0 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hercules Encoders
Smart Encoder
Series SE25
• Combined Heavy Duty Encoder and Motor Con-
trol Features
• Automatically adjusts to maintain speed with
changes in motor load
• Enclosure: SE25-2.5” Dia.
NEMA 6P and IEC IP 67 type sealing
Servo, Flush or Flanged Mounting
• Shielded ABEC 5 Stainless Steel Spindle Bearings,
Standard and Self-Mounting options
• Operating Voltage Flexibility – 8 to 28 Vdc or 5
Vdc TTL Output, 5V or 8-15V with Line Driver
• Operating Temperature Rating designed for ex-
tremes, from -40° to +85°C (-40° to +185°F)
Specifications
Mechanical
Shaft Speed
6000 RPM maximum
Shaft Direction
Bidirectional
Standard Shaft Sizes
.3747”, .4997”
Shaft Extension(s)
Std 0.875”, .50 x .05” flat
Shaft Seals
Neoprene or PTFE Options
Mounting
Refer to dimensional drawings
Bearings
.5000” ID ABEC 5 Spindle
Radial Loading
90 lbs. Operating
Axial Loading
45 lbs. Operating
Accuracy
±0.1° of Shaft Rotation Typ.
Housing
Black Anodized Aluminum
Weight
22 oz.
Connector
6, 7, 10 Pin MS3102 or 18” Cable Out
Electrical
Supply Voltage
8 to 28 Vdc
5 Vdc TTL output
Supply Current
100 mA typical., 120 mA maximum
Current Sinking
250 mA max
Connections
Configured to Customer Requirement
Environmental
Operating Temperature
-40° to +85°C (-40° to +185°F)
Shock
50 g’s for 11 Milliseconds
Vibration
5 to 2000 Hertz at 20 g’s
Humidity
100% Relative Humidity
Enclosures (Sealed)
NEMA 6P, IEC IP 67 – Water-tight
for the latest specifications visit our website
www.herculesencoders.com
Rev. A


Similar Part No. - SE25-324-0

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE2513 SEAWARD-SE2513 Datasheet
267Kb / 8P
   Dual/Single USB Charger Port Controller
SE2513A SEAWARD-SE2513A Datasheet
267Kb / 8P
   Dual/Single USB Charger Port Controller
SE2515 SEAWARD-SE2515 Datasheet
267Kb / 8P
   Dual/Single USB Charger Port Controller
logo
SiGe Semiconductor, Inc...
SE2520 SIGE-SE2520 Datasheet
345Kb / 8P
   RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L SIGE-SE2520L Datasheet
345Kb / 8P
   RangeCharger 2.4GHz Power Amplifier IC Final
More results

Similar Description - SE25-324-0

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PES12_MDS BOURNS-PES12_MDS Datasheet
343Kb / 2P
   ENCODER
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
GSI Group, Inc.
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
   Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Vishay Siliconix
110E VISHAY-110E Datasheet
143Kb / 3P
   Mechanical Encoder
Revision: 05-Aug-04
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com