Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3957-1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # UCC3957-1
Description  Three - Four Cell Lithium-Ion Protector Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UCC3957-1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  UCC3957-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers UCC3957-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers UCC3957-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers UCC3957-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers UCC3957-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers UCC3957-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers UCC3957-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers UCC3957-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
UCC3957 -1/-2/-3/-4
1
2
3
4
5
6
7
10
9
8
16
15
14
13
12
11
DVDD
VDD
CLCNT
WU
AN1
AN2
AN3
AN4
BATLO
CHGEN
AN4
CHG
DCHG
CDLY2
AVDD
CDLY1
R1 1MEG
R2
10K
Q2
IRF7416
Q1
IFR7416
Q3
227002
VR1 18V
C4
0.022
µF
C1
0.1
µF
C2
0.1
µF
R
SENSE
.025
LI-ION BATTERY STACK
PACK (–)
PACK (+)
"CHARGE"
"DISCHARGE"
D1
1A, 50V
R3
1K
C5
0.22
µF
R4
100
C6
.22
µF
Figure 5. Four cell protector with slew rate limiting the discharge FET.
Note 1: VR1 and R2 are optional. They protect Q1 from excessive open-circuit charger voltage.
Note 2. R3 and C5 are chosen based on capacitive load that must be driven.
Note 3. R4 minimizes inductive kick at turn-off.
APPLICATION INFORMATION (continued)
UDG-98018
IC or the Discharge FET (Q2). For this reason, it is
strongly recommended that a capacitor (C5 in Fig’s 1 &
2) be placed across the cell stack, from VDD to AN4, and
that stray inductance be minimized in the battery current
path. An alternative to adding a capacitor across the cell
stack is to reduce the di/dt. This is discussed in the next
section.
Controlling Discharge FET Turn-on / Turn-off Times
By slew rate limiting the pack output voltage at turn-on,
the surge current into large capacitive loads can be
greatly reduced.
This allows the designer to select shorter overcurrent de-
lay times, minimizing the stress on Q1 and Q2 in the
event of a shorted pack output. A simple method of im-
plementing slew rate limiting is shown in Figure 5. It con-
sists of an RC network (R3 and C5) between gate and
drain of the Discharge FET (Q2) to control its turn-on
time. This circuit relies on the relatively high sink imped-
ance (about 20K) of the UCC3957’s DCHG output. The
values shown for R3 and C5 will provide a pack output
voltage rise time of about 4.5msec when the Discharge
FET (Q2) is turned on. Note that the addition of R3 and
C5 has made it possible to eliminate the CDLY2 capaci-
tor, for the quickest response to a true short circuit. While
this circuit will not prevent a large surge current when in-
serting a “live” battery pack into a highly capacitive load,
it will allow it to restart (after one hiccup cycle) if this ini-
tial surge current trips the overcurrent protection.
Increasing the turn-off time of the Discharge FET (Q2)
reduces the inductive kick that results during turn-off af-
ter an overcurrent condition. This is accomplished by
adding a resistor (R4) in series with the DCHG output.
This reduction of di/dt at turn-off will minimize (or elimi-
nate) the need for a capacitor across the battery stack. It
is recommended that this resistor value not exceed a few
hundred ohms, or the ability to turn off quickly enough
into a short may be compromised.
Due to the relatively low charge currents (typically a few
amps max), controlling the turn-on and turn-off times of
the Charge FET is not beneficial. In fact, the turn-off time
of the Charge FET will be slow due to the large value of
R1, the gate-source resistor.
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 • FAX (603) 424-3460


Similar Part No. - UCC3957-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3957-1 TI-UCC3957-1 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
UCC3957-1 TI-UCC3957-1 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957-1 TI-UCC3957-1 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
More results

Similar Description - UCC3957-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com