Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28502 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC28502
Description  BICMOS PFC/PWM COMBINATION CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28502 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28502 Datasheet HTML 2Page - Texas Instruments UCC28502 Datasheet HTML 3Page - Texas Instruments UCC28502 Datasheet HTML 4Page - Texas Instruments UCC28502 Datasheet HTML 5Page - Texas Instruments UCC28502 Datasheet HTML 6Page - Texas Instruments UCC28502 Datasheet HTML 7Page - Texas Instruments UCC28502 Datasheet HTML 8Page - Texas Instruments UCC28502 Datasheet HTML 9Page - Texas Instruments UCC28502 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
UCC28500, UCC28501, UCC28502, UCC28503
UCC38500, UCC38501, UCC38502, UCC38503
SLUS419C − AUGUST 1999 − REVISED NOVEMBER 2001
6
www.ti.com
pin assignments
CAOUT: (current amplifier output) This is the output of a wide bandwidth operational amplifier that senses line
current and commands the PFC pulse width modulator (PWM) to force the correct duty cycle. This output can
swing close to GND, allowing the PWM to force zero duty cycle when necessary.
CT: (oscillator timing capacitor) A capacitor from CT to GND sets the oscillator frequency according to:
f
+
0.725
R
T
C
T
GND: (ground) All voltages measured with respect to ground. VCC and VREF should be bypassed directly to
GND with a 0.1-
µF or larger ceramic capacitor. The timing capacitor discharge current also returns to this pin,
so the lead from the oscillator timing capacitor to GND should be as short and direct as possible.
GT1: (gate drive) The output drive for the PFC stage is a totem pole MOSFET gate driver on GT1. Use a series
gate resistor of at least 10.5
Ω to prevent interaction between the gate impedance and the GT1 output driver
that might cause the GT1 to overshoot excessively. Some overshoot of the GT1 output is always expected when
driving a capacitive load. Refer to Figure 4 for gate drive resistor selections.
GT2: (gate drive) Same as output GT1 for the second stage output drive. Limited to 50% maximum duty cycle.
IAC: (input ac current) This input to the analog multiplier is a current. The multiplier is tailored for very low
distortion from this current input (IAC) to MOUT, so this is the only multiplier input which should be used for
sensing instantaneous line voltage. Recommended maximum IAC is 500 µA.
ISENSE1: (current sense) This is the non-inverting input to the current amplifier. This input and the inverting
input MOUT remain functional down to and below GND.
ISENSE2: (current sense) A resistor from the source of the lower FET to ground generates the input signal for
the peak limit control of the second stage. The oscillator ramp can also be summed into this pin, for slope
compensation.
MOUT: (multiplier output and current sense amplifier inverting input) The output of the analog multiplier and the
inverting input of the current amplifier are connected together at MOUT. As the multiplier output is a current, this
is a high impedance input so the amplifier can be configured as a differential amplifier to reject ground noise.
Multiplier output current is given by:
I
MOUT +
V
VAOUT *
1.0
I
IAC
K
V
VFF
2
Connect current loop compensation components between MOUT and CAOUT.
OVP/ENBL: (over-voltage/enable) A window comparator input which disables the PFC output driver if the boost
output is 6.67% above nominal or disables both the PFC and second stage output drivers and reset SS2 if pulled
below 1.9 V. This input is also used to determine the active range of the second stage PWM.
PKLMT: (PFC peak current limit) The threshold for peak limit is 0 V. Use a resistor divider from the negative side
of the current sense resistor to VREF to level-shift this signal to a voltage corresponding to the desired
overcurrent threshold across the current sense resistor.
PWRGND: Ground for totem pole output drivers.
RT: (oscillator charging current) A resistor from RT to GND is used to program oscillator charging current. A
resistor between 10 k
Ω and 100 kΩ is recommended. Nominal voltage on this pin is 3 V.


Similar Part No. - UCC28502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28502 TI-UCC28502 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
UCC28502 TI1-UCC28502 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC28502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com