Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28500N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28500N
Description  BICMOS PFC/PWM COMBINATION CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28500N Datasheet(HTML) 4 Page - Texas Instruments

  UCC28500N Datasheet HTML 1Page - Texas Instruments UCC28500N Datasheet HTML 2Page - Texas Instruments UCC28500N Datasheet HTML 3Page - Texas Instruments UCC28500N Datasheet HTML 4Page - Texas Instruments UCC28500N Datasheet HTML 5Page - Texas Instruments UCC28500N Datasheet HTML 6Page - Texas Instruments UCC28500N Datasheet HTML 7Page - Texas Instruments UCC28500N Datasheet HTML 8Page - Texas Instruments UCC28500N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
UCC28500, UCC28501, UCC28502, UCC28503
UCC38500, UCC38501, UCC38502, UCC38503
SLUS419C − AUGUST 1999 − REVISED NOVEMBER 2001
4
www.ti.com
electrical characteristics TA = 0°C to 70°C for the UCC3850X, –40°C to 85°C for the UCC2850X,
TA = TJ, VCC = 12 V, RT = 22 kΩ, CT = 330 pF (unless otherwise noted)
voltage reference
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
TA = 0°C to 70°C
7.387
7.500
7.613
V
Input voltage
TA = –40°C to 85°C
7.35
7.50
7.65
V
Load regulation
IREF = −1 mA to −2 mA,
See Note 2
0
10
mV
Line regulation
VCC = 10.8 V to 15 V,
See Note 3
0
10
mV
Short circuit current
VREF = 0V
−20
–25
−50
mA
oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Frequency, initial accuracy
TA = 25°C
85
100
115
kHz
Frequency, voltage stability
VCC = 10.8 V to 15 V
−1%
1%
Frequency, total variation
Line, Temp
80
120
kHz
Ramp peak voltage
4.5
5
5.5
V
Ramp amplitude voltage (peak to peak)
3.5
4
4.5
V
peak current limit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PKLMT reference voltage
–15
0
15
mV
PKLMT propagation delay
150
300
500
ns
multiplier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IMOUT, high-line low-power output current
IAC = 500 µA, VFF = 4.7 V,
VAOUT = 1.25 V,
0
°C ≤ TA ≤ 85°C
0
–6
−20
IMOUT, high-line low-power output current
IAC = 500 µA, VFF = 4.7 V,
VAOUT = 1.25 V,
–40
°C ≤ TA ≤ 85°C
0
–6
−23
A
IMOUT, high-line high-power output current
IAC = 500 µA, VFF = 4.7 V,
VAOUT = 5 V
−70
–90
−105
µA
IMOUT, low-line low-power output current
IAC = 150 µA, VFF = 1.4 V,
VAOUT = 1.25 V
−10
–19
−50
IMOUT, low-line high-power output current
IAC = 150 µA, VFF = 1.4 V,
VAOUT = 5 V
−268
–300
−345
IMOUT, IAC-limited output current
IAC = 150 µA, VFF = 1.3 V,
VAOUT = 5 V
−250
–300
−400
Gain constant (K)
IAC = 300 µA, VFF = 2.8 V,
VAOUT = 2.5 V
0.5
1
1.5
1/V
IAC = 150 µA, VFF = 1.4 V,
VAOUT = 0.25 V
0
–2
1/V
IAC = 500 µA, VFF = 4.7 V,
VAOUT = 0.25 V
0
–2
µA
IMOUT, zero current
IAC = 500 µA, VFF = 4.7 V,
VAOUT = 0.5 V,
0
°C ≤ TA ≤ 85°C
0
–3
µA
IAC = 500 µA, VFF = 4.7 V,
VAOUT = 0.5 V,
−40
°C ≤ TA ≤ 85°C
0
–3.5
µA
Power limit (IMOUT × VFF)
IAC = 150 µA, VFF = 1.4 V,
VAOUT = 5 V
−375
–420
−485
µW
zero power
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Zero power comparator threshold
Measured on VAOUT
0.175
0.330
0.500
V
NOTES:
1. Ensured by design. Not production tested.
2. See Figure 6 for reference variation.
3. See Figure 5 for reference variation for VCC < 10.8 V .


Similar Part No. - UCC28500N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500N TI1-UCC28500N Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28500NG4 TI1-UCC28500NG4 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC28500N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com