Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS4066CSD Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PS4066CSD
Description  Low-Cost, Quad, SPST, CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4066CSD Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PS4066CSD Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4066CSD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
PS8184A
10/15/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4066/PS4066A
Low-Cost, Quad, SPST, CMOS Analog Switches
Test Circuits/Timing Diagrams (continued)
Figure 4. Off Isolation, BW
Figure 6. Channel-Off Capacitance
Figure 5. Crosstalk
Figure 7. Channel-On Capacitance
Ordering Information
r
e
b
m
u
N
t
r
a
Pe
g
n
a
R
-
e
r
u
t
a
r
e
p
m
e
Te
g
a
k
c
a
P
D
P
C
6
6
0
4
S
PC
º
0
7
+
o
t
C
º
0P
I
D
ci
t
s
al
P
4
1
D
S
C
6
6
0
4
S
PC
º
0
7
+
o
t
C
º
0O
S
w
o
rr
a
N
4
1
6
6
0
4
S
PE
E
CC
º
0
7
+
o
t
C
º
0P
O
S
Q
6
1
6
0
4
S
P6 D
P
EC
º
5
8
+
o
t
C
º
0
4
-P
I
D
ci
t
s
al
P
4
1
D
S
E
6
6
0
4
S
PC
º
5
8
+
o
t
C
º
0
4
-O
S
w
o
rr
a
N
4
1
D
P
C
A
6
6
0
4
S
PC
º
0
7
+
o
t
C
º
0P
I
D
ci
t
s
al
P
4
1
D
S
C
A
6
6
0
4
S
PC
º
0
7
+
o
t
C
º
0O
S
w
o
rr
a
N
4
1
E
E
C
A
6
6
0
4
S
PC
º
0
7
+
o
t
C
º
0P
O
S
Q
6
1
D
P
E
A
6
6
0
4
S
PC
º
5
8
+
o
t
C
º
0
4
-P
I
D
ci
t
s
al
P
4
1
D
S
E
A
6
6
0
4
S
PC
º
5
8
+
o
t
C
º
0
4
-O
S
w
o
rr
a
N
4
1
E
E
E
A
6
6
0
4
S
PC
º
5
8
+
o
t
C
º
0
4
-P
O
S
Q
6
1
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
V+
+12V
Capacitance
Meter
GND
NO
COM
10nF
IN
0V
f = 1kHz


Similar Part No. - PS4066CSD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS40 VISHAY-PS40 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PS40 VISHAY-PS40 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
   ELECTRONIC PRESSURE SWITCH
PS40-102G-NAM COPAL-PS40-102G-NAM Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS40-102G-NAR COPAL-PS40-102G-NAR Datasheet
90Kb / 4P
   PRESSURE SWITCHES
More results

Similar Description - PS4066CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com