Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS4066EPD Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PS4066EPD
Description  Low-Cost, Quad, SPST, CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4066EPD Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PS4066EPD Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4066EPD Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4066EPD Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4066EPD Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4066EPD Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4066EPD Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4066EPD Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4066EPD Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4066EPD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
4
PS8184A
10/15/98
PS4066/PS4066A
Low-Cost, Quad, SPST, CMOS Analog Switches
Electrical Specifications - Single +5V Supply
(V+ = +5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
ti
n
U
h
c
ti
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F0
+
VV
e
c
n
a
t
si
s
e
R
-
n
OR N
O
I
,
V
5
.
4
=
+
V
M
O
C
,
A
m
1
-
=
V O
N
V
5
.
3
=
5
22
25
7
ll
u
F0
0
1
e
c
n
a
t
si
s
e
R
-
n
O
sl
e
n
n
a
h
C
n
e
e
w
t
e
B
h
c
t
a
M
)
4
(
∆R N
O
I
,
V
5
=
+
V
M
O
C
,
A
m
1
-
=
V O
N
V
3
=
5
23
.
04
ll
u
F2
1
s
s
e
n
t
al
F
e
c
n
a
t
si
s
e
R
-
n
O
)
5
,
3
(
R
)
N
O
(
T
A
L
F
I
,
V
5
=
+
V
M
O
C
,
A
m
1
-
=
V O
N
V
3
,
V
1
=
5
24
6
ll
u
F8
e
g
a
k
a
e
L
ff
O
O
N
t
n
e
rr
u
C
)
9
(
I
)
F
F
O
(
O
N
V
,
V
5
.
5
=
+
V
M
O
C
,
V
0
=
V O
N
V
5
.
4
=
6
6
0
4
S
P
A
6
6
0
4
S
P
5
2
1
-
1
.
0
-
1
1
.
0
A
n
ll
u
F6
-6
e
g
a
k
a
e
L
ff
O
M
O
C
n
e
rr
u
C
)
9
(
I
)
F
F
O
(
M
O
C
V
,
V
5
.
5
=
+
V
M
O
C
,
V
0
=
V O
N
V
5
.
4
=
6
6
0
4
S
P
A
6
6
0
4
S
P
5
2
1
-
1
.
0
-
1
1
.
0
ll
u
F6
-6
e
g
a
k
a
e
L
n
O
M
O
C
t
n
e
rr
u
C
)
6
(
I
)
N
O
(
M
O
C
V
,
V
5
.
5
=
+
V
M
O
C
V
5
=
V O
N
V
5
.
4
=
6
6
0
4
S
P
A
6
6
0
4
S
P
5
2
2
-
2
.
0
-
2
2
.
0
ll
u
F2
1
-2
1
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
V O
N
V
3
=
5
25
65
2
1
s
n
ll
u
F5
7
1
e
m
i
T
ff
O
-
n
r
u
Tt F
F
O
5
20
35
7
ll
u
F5
2
1
h
t
d
i
w
d
n
a
B
l
e
n
n
a
h
C
-
n
OW
B
0
5
,
m
B
d
0
=
l
a
n
g
i
S
t
u
o
d
n
a
n
i
4
e
r
u
g
i
F
5
20
0
1MHz
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
V
,
F
n
1
=
N
E
G
,
V
0
=
R N
E
G
=
3
e
r
u
g
i
F
,
V
0
5
21
0
1C
p
y
l
p
p
u
S
t
n
e
rr
u
C
y
l
p
p
u
S
e
v
it
i
s
o
P+
I
V
,
V
5
.
5
=
+
V
N
I
,
+
V
r
o
V
0
=
ff
o
r
o
n
o
sl
e
n
n
a
h
c
ll
a
ll
u
F1
-1
µA


Similar Part No. - PS4066EPD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS40 VISHAY-PS40 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PS40 VISHAY-PS40 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
   ELECTRONIC PRESSURE SWITCH
PS40-102G-NAM COPAL-PS40-102G-NAM Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS40-102G-NAR COPAL-PS40-102G-NAR Datasheet
90Kb / 4P
   PRESSURE SWITCHES
More results

Similar Description - PS4066EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com