Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28503DW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28503DW
Description  BICMOS PFC/PWM COMBINATION CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28503DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28503DW Datasheet HTML 3Page - Texas Instruments UCC28503DW Datasheet HTML 4Page - Texas Instruments UCC28503DW Datasheet HTML 5Page - Texas Instruments UCC28503DW Datasheet HTML 6Page - Texas Instruments UCC28503DW Datasheet HTML 7Page - Texas Instruments UCC28503DW Datasheet HTML 8Page - Texas Instruments UCC28503DW Datasheet HTML 9Page - Texas Instruments UCC28503DW Datasheet HTML 10Page - Texas Instruments UCC28503DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
UCC28500, UCC28501, UCC28502, UCC28503
UCC38500, UCC38501, UCC38502, UCC38503
SLUS419C − AUGUST 1999 − REVISED NOVEMBER 2001
7
www.ti.com
pin assignments (continued)
SS2: (soft-start for PWM) SS2 is at ground for either enable low or OVP/ENBL below the UVLO2 threshold
conditions. When enabled, SS2 charges an external capacitor with a current source. This voltage is used as
the voltage error signal during start-up, enabling the PWM duty cycle to increase slowly. In the event of a disable
command or a UVLO2 dropout, SS2 quickly discharges to disable the PWM.
VAOUT: (voltage amplifier output) This is the output of the operational amplifier that regulates output voltage.
The voltage amplifier output is internally limited to approximately 5.5 V to prevent overshoot.
VCC: (positive supply voltage) Connect to a stable source of at least 20 mA between 12 V and 17 V for normal
operation. Bypass VCC directly to GND to absorb supply current spikes required to charge external MOSFET
gate capacitances. To prevent inadequate gate drive signals, the output devices are inhibited unless VCC
exceeds the upper under-voltage lockout threshold and remains above the lower threshold.
VERR: (voltage amp error signal for the second stage) The error signal is generated by an external amplifier
which drives this pin. This pin has an internal 4.5-V voltage clamp that limits GT2 to less than 50% duty cycle
to ensure transformer reset in the typical application.
VFF: (RMS feed forward signal) VFF signal is generated at this pin by mirroring one-half of IAC into a single pole
external filter. At low line, the VFF voltage should be 1.4 V.
VSENSE: (voltage amplifier inverting input) This is normally connected to a compensation network and to the
boost converter output through a divider network.
VREF: (voltage reference output) VREF is the output of an accurate 7.5-V voltage reference. This output is
capable of delivering 10 mA to peripheral circuitry and is internally short-circuit current limited. VREF is disabled
and remains at 0 V when VCC is below the UVLO threshold. Bypass VREF to GND with a 0.1-
µF or larger
ceramic capacitor for best stability.


Similar Part No. - UCC28503DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28503DW TI1-UCC28503DW Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28503DWG4 TI1-UCC28503DWG4 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC28503DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com