Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24730 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ24730
Description  ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24730 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24730 Datasheet HTML 6Page - Texas Instruments BQ24730 Datasheet HTML 7Page - Texas Instruments BQ24730 Datasheet HTML 8Page - Texas Instruments BQ24730 Datasheet HTML 9Page - Texas Instruments BQ24730 Datasheet HTML 10Page - Texas Instruments BQ24730 Datasheet HTML 11Page - Texas Instruments BQ24730 Datasheet HTML 12Page - Texas Instruments BQ24730 Datasheet HTML 13Page - Texas Instruments BQ24730 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
www.ti.com
308
308.5
309
309.5
310
310.5
311
14
16
18
20
22
24
V − Input Voltage
I
− V
T = 125 C
J
o
T = 85 C
J
o
T = 25 C
J
o
T =
J
0 C
o
0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
0.2
0
20 30
10
40 50
60
70 80
90 100
V − SRP-SRN Voltage
I
− mV
T = 125 C
J
o
T = 85 C
J
o
T = 25 C
J
o
T =
J
0 C
o
V = 20 V
I
75
80
85
90
95
100
0
1
2
3
4
5
7
6
8
Battery Charge Current − A
V = 19.5 V
T
= 20 C
I
A
o
V
= 12.6 V
(BAT)
V
= 16.8 V
(BAT)
BAT
PH
Ch2
12.6 V
Ch1
0 V
Ch4
0 A
Inductor Current
t
Time =
5 ms/div
Power Loop Verification (DPM) Transient Response
Constant Current Regulation, Then (DPM) Regulation
Ch4 = System Current
Ch1 = Input Current
Ch3 = Battery Current
t
Time =
1 ms/div
Ch1
Ch3
0 A
Ch4
0 A
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
500
1 k
1.5 k 2 k 2.5 k
3.5 k
3 k
4.5 k
4 k
System Current − mA
V
= 12 V
V
= 20 V
R
= 10 m
(BAT)
CC
(sns)
W
ICHG
IDPM
DPM Active
ILOOP Active
System Power Selection
Adapter is unplugged in, System switches over to battery once the adapter
voltage drops below VAIRLINE.
1-A System Load
Battery Voltage
Adapter Voltage
System Voltage
t
Time =
1 s/div
Ch1
Ch2
Ch4
0 V
BYPASS
ACDRV
BATDRV
t
Time =
100 ms/div
Ch1
20 V
Ch2
20 V
Ch1
0 V
Ch4
20 V
Adapter plugged in (ACDET goes above 1.2 V)
ACDRV has a 500-ms delay before turning on
ACDET
System Power Selection
Adapter is plugged in, then 500 ms later the system switches over.
1-A System Load
Battery Voltage
Adapter Voltage
System Voltage
t
Time =
200 ms/div
Ch1
Ch2
Ch4
0 V
bq24730
SLUS695 – MARCH 2006
TYPICAL CHARACTERISTICS (continued)
V(IBAT) = CHARGE SENSE
300-kHz SWITCHING FREQUENCY
EFFICIENCY
AMPLIFIER ACCURACY
vs
vs
vs
INPUT VOLTAGE
BATTERY CHARGE CURRENT
SRP-SRN VOLTAGE
Figure 7.
Figure 8.
Figure 9.
BATTERY REMOVAL (CONSTANT
REGULATION CURRENT
TRANSIENT SYSTEM LOAD
CURRENT MODE)
vs
SYSTEM CURRENT
Figure 10.
Figure 11.
Figure 12.
SYSTEM SELECTOR GATE DRIVES
SYSTEM SELECTOR ADAPTER
SYSTEM SELECTOR ADAPTER
AFTER ACDET
INSERTION
REMOVAL
Figure 13.
Figure 14.
Figure 15.
10
Submit Documentation Feedback


Similar Part No. - BQ24730

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735RGRR TI1-BQ24735RGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735RGRR TI1-BQ24735RGRR Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735RGRT TI1-BQ24735RGRT Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
More results

Similar Description - BQ24730

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24721 TI-BQ24721_07 Datasheet
1Mb / 60P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24721 TI-BQ24721 Datasheet
5Mb / 48P
[Old version datasheet]   ADVANCED MULTI-CHEMISTRY AND MULTI-CELL SYNCHRONOUS SWITCH-MODE CHARGER AND SYSTEM POWER SELECTOR
BQ24751B TI1-BQ24751B Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24750A TI-BQ24750A Datasheet
1Mb / 39P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and Integrated System Power Selector
BQ24750 TI-BQ24750 Datasheet
1Mb / 35P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI-DV2000S1 Datasheet
579Kb / 5P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24750 TI-BQ24750_07 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Integrated System Power Selector and AC Over-Power Protection
DV2000S1 TI1-DV2000S1_14 Datasheet
580Kb / 6P
[Old version datasheet]   Multi-Chemistry Switching Charger Development System
BQ24751 TI-BQ24751 Datasheet
1Mb / 39P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with System Power Selector, AC Over-Power Protection, and Programmable OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com