Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT-N32DRD Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BT-N32DRD
Description  THREE DIGIT LED DISPLAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BT-N32DRD Datasheet(HTML) 1 Page - Yellow Stone Corp

  BT-N32DRD Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BT-M301RD
BT-N301RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BT-M305RD
BT-N305RD
BT-M305RE
BT-N305RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BT-M302RD
BT-N302RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BT-M303RD
BT-N303RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BT-M304RD
BT-N304RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BT-M306RD
BT-N306RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.31"
Three-Digit
BT-M30DRD
BT-N30DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
TD-01
BT-M321RD
BT-N321RD
GaAsP/Red
655
40
80
40
200
1.7
2.0
0.6
BT-M325RD
BT-N325RD
BT-M325RE
BT-N325RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.2
BT-M322RD
BT-N322RD
GaP/ Green
568
30
80
30
150
2.2
2.5
3.0
BT-M323RD
BT-N323RD
GaAsP/GaP/ Yellow
585
35
80
30
150
2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BT-M324RD
BT-N324RD
GaAsP/GaP/ Orange
635
45
80
30
150
2.0
2.5
3.0
BT-M326RD
BT-N326RD
GaAlAs/ SH Super Red
660
20
80
30
150
1.7
2.5
6.0
0.36"
Three-Digit
BT-M32DRD
BT-N32DRD
GaAlAs/ DH Super Red
660
20
80
30
150
1.7
2.5
7.0
TD-02
TD-01
BT- M
N30xRD
TD-02
BT- M
N32xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
22.5(.886)
E0.5(.020)
2.54(.100)
7.2(.283)
3.0(.120)MIN.
D.1
8.0(.315)
4.0(.157)
PIN 1.
+
13.9(.547)
E1.0(.039)
E
F
D.2
11
G
B
D DP
C
A
D.3
7
4
2
1 10
5
3
NC:6
BT-N30xRD
10.16(.400)
A
F
D
B
C
E
12
G DP
A B
D.1
D.2
C D E
F
9
DP
G
A
B
G
C D
F
E
8
D.3
DP
10B
5B
A
B
C
E
F
G
D.1
D.2
D.3
D
+
PIN 1.
DP
3.0(.120)MIN.
2.54(.100)
E0.5(.020)
A
B
C D
E
F
G DP
1
2
3
4
5
7
8
9
10
11
12
A B
C D E
F G DP
A
B
C D E
F
G DP
D.1
D.2
D.3
NC:6
E1.0(.039)
9.2(.36)
10.16(.400)
7.2(.283)
4.8(.189)
22.6(.890)
14.1(.555)
BT-N32xRD
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BT-N32DRD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BT-N324RD BRIGHT-BT-N324RD Datasheet
145Kb / 3P
   0.36(9.20MM)THREE DIGIT LED DISPLAY
BT-N325RD BRIGHT-BT-N325RD Datasheet
199Kb / 3P
   9.20mm(0.36) high three digit seven segments display
BT-N326RD BRIGHT-BT-N326RD Datasheet
153Kb / 3P
   0.36(9.20MM)THREE DIGIT LED DISPLAY
More results

Similar Description - BT-N32DRD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BT-M511RD YSTONE-BT-M511RD Datasheet
121Kb / 1P
   THREE DIGIT LED DISPLAYS
BT-A531RD YSTONE-BT-A531RD Datasheet
116Kb / 1P
   THREE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BT-M341RD ETC-BT-M341RD Datasheet
124Kb / 1P
   THREE DIGIT LED DISPLAYS
logo
Rohm
LB-303AK ROHM-LB-303AK_17 Datasheet
360Kb / 5P
   Three-digit LED numeric displays
logo
List of Unclassifed Man...
TOT5361 ETC1-TOT5361 Datasheet
104Kb / 1P
   INCH THREE DIGIT Numeric displays
logo
Micro Electronics
MU356 MICRO-ELECTRONICS-MU356 Datasheet
70Kb / 2P
   0.56 THREE DIGIT NUMBERIC DISPLAYS
MG336A MICRO-ELECTRONICS-MG336A Datasheet
70Kb / 2P
   0.36 THREE DIGIT NUMBERIC DISPLAYS
MS356A MICRO-ELECTRONICS-MS356A Datasheet
81Kb / 2P
   0.56 THREE DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVT-5X1 UOT-UVT-5X1 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
logo
Rohm
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com