Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25115SDX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM25115SDX
Description  Secondary Side Post Regulator Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25115SDX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM25115SDX Datasheet HTML 2Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 3Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 4Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 5Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 6Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 7Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 8Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 9Page - National Semiconductor (TI) LM25115SDX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical Characteristics Unless otherwise specified, T
J = –40˚C to +125˚C, VBIAS = 12V, No Load on LO
or HO. (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CURRENT LIMIT
ILIMIT Amp Transconductance
16
mA / V
Overall Transconductance
237
mA / V
Positive Current Limit
V
CL =VCS -VVOUT
VOUT = 6V and CO/COMP = 1.5V
37
45
53
mV
Positive Current Limit Foldback
V
CL =VCS -VVOUT
VOUT = 0V and CO/COMP = 1.5V
31
38
45
mV
VCLneg
Negative Current Limit
VOUT = 6V
V
CL =VCS -VVOUT to cause LO to
shutoff
-17
mV
RAMP GENERATOR
SYNC Input Impedance
2.5
k
SYNC Threshold
End of cycle detection threshold
15
µA
Free Run Mode Peak Threshold
RAMP peak voltage with dc current
applied to SYNC.
2.3
V
Current Mirror Gain
Ratio of RAMP charge current to
SYNC input current.
2.7
3.3
A/A
Discharge Impedance
100
LOW SIDE GATE DRIVER
V
OLL
LO Low-state Output Voltage
I
LO = 100mA
0.2
0.5
V
V
OHL
LO High-state Output Voltage
I
LO = -100mA, VOHL =VCC -VLO
0.4
0.8
V
LO Rise Time
C
LOAD = 1000pF
15
ns
LO Fall Time
C
LOAD = 1000pF
12
ns
I
OHL
Peak LO Source Current
V
LO =0V
2
A
I
OLL
Peak LO Sink Current
V
LO = 12V
2.5
A
HIGH SIDE GATE DRIVER
V
OLH
HO Low-state Output Voltage
I
HO = 100mA
0.2
0.5
V
V
OHH
HO High-state Output Voltage
I
HO = -100mA, VOHH =VHB –VHO
0.4
0.8
V
HO Rise Time
C
LOAD = 1000pF
15
ns
HO High Side Fall Time
C
LOAD = 1000pF
12
ns
I
OHH
Peak HO Source Current
V
HO =0V
2
A
I
OLH
Peak HO Sink Current
V
HO = 12V
2.5
A
SWITCHING CHARACTERISITCS
LO Fall to HO Rise Delay
C
LOAD = 0
70
ns
HO Fall to LO Rise Delay
C
LOAD = 0
50
ns
SYNC Fall to HO Fall Delay
C
LOAD = 0
120
ns
SYNC Rise to LO Fall Delay
C
LOAD = 0
50
ns
THERMAL SHUTDOWN
T
SD
Thermal Shutdown Temp.
150
165
˚C
Thermal Shutdown Hysteresis
25
˚C
THERMAL RESISTANCE
θ
JA
Junction to Ambient
MTC Package
125
˚C/W
θ
JA
Junction to Ambient
SDA Package
32
˚C/W
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Note 3: Min and Max limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical
Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 4: Device thermal limitations may limit usable range.
www.national.com
6


Similar Part No. - LM25115SDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25115SDX/NOPB TI-LM25115SDX/NOPB Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
More results

Similar Description - LM25115SDX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com