Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2023 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2023
Description  High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2023 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2023 Datasheet HTML 1Page - Maxim Integrated Products MAX2023 Datasheet HTML 2Page - Maxim Integrated Products MAX2023 Datasheet HTML 3Page - Maxim Integrated Products MAX2023 Datasheet HTML 4Page - Maxim Integrated Products MAX2023 Datasheet HTML 5Page - Maxim Integrated Products MAX2023 Datasheet HTML 6Page - Maxim Integrated Products MAX2023 Datasheet HTML 7Page - Maxim Integrated Products MAX2023 Datasheet HTML 8Page - Maxim Integrated Products MAX2023 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
1500MHz to 2300MHz Quadrature Mod/Demod
4
________________________________________________________________________________________________
Typical Operating Characteristics
(MAX2023
Typical Application Circuit, VCC = +4.75V to +5.25V, GND = 0V, I/Q differential inputs driven from a 100
Ω DC-coupled source
(modulator), VBBI = VBBQ = 2.6VP-P differential (modulator), PRF = +6dBm (demodulator), I/Q differential output drives 50
Ω differential load
(demodulator), 0V common-mode input/output, PLO = 0dBm, 1500MHz ≤ fLO ≤ 2300MHz, 50
Ω LO and RF system impedance, R1 = 432Ω,
R2 = 562
Ω, R3 = 300Ω, TC = -40°C to +85°C. Typical values are at VCC = +5V, fLO = 1850MHz, TC = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE (TC)
TEMPERATURE (
°C)
-40
-15
10
35
60
85
200
220
240
260
280
300
320
340
360
380
400
VCC = 4.75V
VCC = 5.25V
VCC = 5V
MODULATOR SINGLE-SIDEBAND SUPPRESSION
vs. LO FREQUENCY
LO FREQUENCY (GHz)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
20
25
30
35
40
45
50
55
60
65
70
PLO = -3dBm
PLO = 0dBm
PLO = +3dBm
MODULATOR SINGLE-SIDEBAND SUPPRESSION
vs. LO FREQUENCY
LO FREQUENCY (GHz)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
20
25
30
35
40
45
50
55
60
65
70
VCC = 4.75V
VCC = 5V
VCC = 5.25V
MODULATOR SINGLE-SIDEBAND SUPPRESSION
vs. LO FREQUENCY
LO FREQUENCY (GHz)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
20
25
30
35
40
45
50
55
60
65
70
TC = +85
°C
TC = +25
°C
TC = -40
°C
MODULATOR OUTPUT IP3
vs. LO FREQUENCY
LO FREQUENCY (GHz)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
10
12
14
16
18
20
22
24
26
28
30
TC = +85
°C
TC = +25
°C
TC = -40
°C
f1 = 1.8MHz
f2 = 1.9MHz
MODULATOR OUTPUT IP3
vs. LO FREQUENCY
LO FREQUENCY (GHz)
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
10
12
14
16
18
20
22
24
26
28
30
VCC = 4.75V, 5V, 5.25V
f1 = 1.8MHz
f2 = 1.9MHz
Note 1: TC is the temperature on the exposed paddle.
Note 2: Guaranteed by production test.
Note 3: VI/Q = 2.66VP-P differential CW input.
Note 4: No baseband drive input. Measured with the baseband inputs terminated in 50
Ω. At low output power levels, the output
noise density is equal to the thermal noise floor. See Output Noise Density vs. Output Power plots in
Typical Operating
Characteristics.
Note 5: The output noise vs. POUT curve has the slope of LO noise (Ln dBc/Hz) due to reciprocal mixing. Measured at 10MHz offset
from carrier.
Note 6: The LO noise (L = 10(Ln/10)), determined from the modulator measurements can be used to deduce the noise figure under-
blocking at operating temperature (TP in Kelvin), fBLOCK = 1 + (LCN - 1) TP / TO + LPBLOCK / (1000kTO), where TO = 290K,
PBLOCK in mW, k is Boltzmann’s constant = 1.381 x 10(-23) J/K, and LCN = 10(LC/10), LC is the conversion loss. Noise figure
underblocking in dB is NFBLOCK = 10 x log (fBLOCK). Refer to Application Note 3632.


Similar Part No. - MAX2023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2023 MAXIM-MAX2023 Datasheet
809Kb / 15P
   700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 6/06
MAX2023 MAXIM-MAX2023 Datasheet
789Kb / 14P
   1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX2023 MAXIM-MAX2023 Datasheet
232Kb / 8P
   Evaluation Kit
Rev 0; 2/07
MAX2023 MAXIM-MAX2023 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2023ETX++ MAXIM-MAX2023ETX+ Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
More results

Similar Description - MAX2023

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
   High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2021 MAXIM-MAX2021_13 Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
   High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
logo
Renesas Technology Corp
F0110 RENESAS-F0110 Datasheet
1Mb / 17P
   Dual Path Ultra-Low Noise Amplifier 1500MHz to 2300MHz
Jan 13, 2022
logo
Maxim Integrated Produc...
MAX19998 MAXIM-MAX19998 Datasheet
5Mb / 28P
   SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
[Old version datasheet]   Direct Downconversion Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com