Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G0832DCKT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G0832DCKT
Description  SINGLE 3-INPUT POSITIVE AND-OR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G0832DCKT Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G0832DCKT Datasheet HTML 1Page - Texas Instruments SN74LVC1G0832DCKT Datasheet HTML 2Page - Texas Instruments SN74LVC1G0832DCKT Datasheet HTML 3Page - Texas Instruments SN74LVC1G0832DCKT Datasheet HTML 4Page - Texas Instruments SN74LVC1G0832DCKT Datasheet HTML 5Page - Texas Instruments SN74LVC1G0832DCKT Datasheet HTML 6Page - Texas Instruments SN74LVC1G0832DCKT Datasheet HTML 7Page - Texas Instruments SN74LVC1G0832DCKT Datasheet HTML 8Page - Texas Instruments SN74LVC1G0832DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74LVC1G0832
SINGLE 3INPUT POSITIVE ANDOR GATE
SCES606 − SEPTEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = −100 mA
1.65 V to 5.5 V
VCC−0.1
IOH = −4 mA
1.65 V
1.2
V
IOH = −8 mA
2.3 V
1.9
V
VOH
IOH = −16 mA
3 V
2.4
V
IOH = −24 mA
3 V
2.3
IOH = −32 mA
4.5 V
3.8
IOL = 100 mA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
V
IOL = 8 mA
2.3 V
0.3
V
VOL
IOL = 16 mA
3 V
0.4
V
IOL = 24 mA
3 V
0.55
IOL = 32 mA
4.5 V
0.55
II
A B, or C
inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
mA
Ioff
VI or VO = 5.5 V
0
±10
mA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
mA
∆ICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
mA
Ci
VI = VCC or GND
3.3 V
3.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range, CL = 15 pF
(unless otherwise noted) (see Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A, B, or C
Y
3.7
14
2.4
7
1.7
5
1.2
3.4
ns
switching characteristics over recommended operating free-air temperature range, CL = 30 pF or
50 pF (unless otherwise noted) (see Figure 5)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A, B, or C
Y
2.5
17.5
1.8
7.6
1.8
5.9
1.3
4
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
VCC = 5 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
15
15
16
18
pF


Similar Part No. - SN74LVC1G0832DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G0832DCKT TI1-SN74LVC1G0832DCKT Datasheet
631Kb / 17P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
JANUARY2007
More results

Similar Description - SN74LVC1G0832DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208-Q1 TI1-SN74LVC1G3208-Q1 Datasheet
380Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI1-SN74LVC1G0832_07 Datasheet
631Kb / 17P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
JANUARY2007
SN74LVC1G3208-EP TI1-SN74LVC1G3208-EP Datasheet
813Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208_08 Datasheet
489Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com