Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

131P473X51K0S04 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 131P473X51K0S04
Description  Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

131P473X51K0S04 Datasheet(HTML) 1 Page - Vishay Siliconix

  131P473X51K0S04 Datasheet HTML 1Page - Vishay Siliconix 131P473X51K0S04 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 42033
Revision 17-Nov-03
www.vishay.com
98
Type 131P
Vishay Sprague
For technical questions, contact spresale@vishay.com
FEATURES
• Suggested replacement for Type 196P
• Moderate cost
• Small size
• High peak current ratings
• High corona starting voltage
DC Life Test: 140% of rated voltage for 250 hours @ + 125°C.
No open or short circuits. No visible damage. Maximum
Capacitance Change: ± 5%. Minimum IR = 60% of initial limit.
Maximum DF = 1.0%.
Moisture Resistance: MIL-STD-202, Method 106E, 10
cycles. No visible damage. Maximum Capacitance Change: ±
3%. Minimum IR = 60% of initial limit. Maximum DF = 1.2%.
Thermal Shock and Immersion Cycling: No visible damage.
Maximum Capacitance Change: ± 1%. Minimum IR = 50% of
initial limit. Maximum DF = 1.2%.
0.010
0.022
0.047
0.10
0.22
0.47
131P103X9600S02*
131P223X9600S02*
131P473X9600S02*
131P104X9600S02
131P224X9600S02
131P474X9600S02
0.312 x 0.875 [7.92 x 22.23]
0.400 x 0.875 [10.16 x 22.23]
0.400 x 1.375 [10.16 x 34.93]
0.562 x 1.375 [14.27 x 34.93]
0.670 x 1.625 [17.02 x 41.28]
0.750 x 2.375 [19.05 x 60.33]
0.037
0.058
0.085
0.149
0.354
0.656
1.5
3.3
7.0
15.0
33.0
70.0
0.025
0.041
0.059
0.104
0.247
0.459
1.0
2.3
4.9
10.5
23.1
49.0
ORDERING INFORMATION
* All standard inventoried Part Numbers will be stocked in terminal and case style number S04.
1000 WVDC / 500 VAC
0.010
0.022
0.047
0.10
0.22
0.47
131P103X91K0S02*
131P223X91K0S02*
131P473X91K0S02*
131P104X91K0S02*
131P224X91K0S02*
131P474X91K0S02*
0.400 x 0.875 [10.16 x 22.23]
0.400 x 1.375 [10.16 x 34.93]
0.562 x 1.375 [14.27 x 34.93]
0.670 x 1.625 [17.02 x 41.28]
0.750 x 2.125 [19.05 x 53.98]
1.000 x 2.375 [25.40 x 60.33]
0.039
0.079
0.133
0.241
0.427
0.772
2.5
5.5
11.0
25.0
55.0
117.0
0.027
0.055
0.093
0.168
0.298
0.540
1.7
3.8
7.7
17.5
38.5
81.9
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 65°C to + 125°C.
Capacitance Range: 0.01µF to 0.47µF.
Capacitance Tolerance: ± 20%, ± 10%, ± 5%, ± 2%.
Voltage Rating: 600 WVDC to 1000 WVDC.
Dissipation Factor: 1.0% maximum.
Voltage Test: 200% of rated DC voltage for 2 minutes.
Insulation Resistance: At + 25°C: 20,000 Megohm -
Microfarads or 30,000 Megohm minimum. At + 125°C:
20 Megohm - Microfarads or 250 Megohm minimum.
Capacitance Change with Temperature: At - 65°C,
- 10% typical. At + 125°C, + 10% typical.
STANDARD RATINGS in inches [millimeters]
PART NUMBER
± 10%
TOLERANCE
CAPACITANCE
(
µF)
NOMINAL CASE SIZE
D x L
Max. rms
CURRENT
@ +
85
°C
Max.
PEAK
CURRENT
@ + 85
°C
Max. rms
CURRENT
@ +
125
°C
Max.
PEAK
CURRENT
@ + 125
°C
PHYSICAL CHARACTERISTICS
Lead Pull: 5 pounds (2.3 kilograms) for one minute.
No physical damage.
Lead Bend: After three complete consecutive bends, no damage.
Lead Wire: Bare, solid tinned wire. Case Diameters: .312"
[7.92mm], No. 22 AWG; .400" [10.16mm] and over, No. 20 AWG.
Marking: Sprague® trademark, type or part number,
capacitance and voltage.
131P
TYPE
This is expressed in picofarads.
The first two digits are the
significant figures. The third is the
number of zeros to follow. Values
must conform to the decade rating
for the tolerance specified.
103
CAPACITANCE
X9
CAPACITANCE
TOLERANCE
X0 = ± 20%
X9 = ± 10%
(Inventoried)
X5 = ± 5%
X2 = ± 2%
600
DC VOLTAGE
RATING
This is expressed in
volts. (1000 WVDC
coded as 1K0)
S = Wire leads
T = Soldering tab*
S
TERMINAL
Note: Inventoried
items are all S04.
04
CASE
STYLE
* Soldering tabs are available only on case diameters equal to or greater
than 0.400" [10.16mm]. Consult the factory for special case styles and
terminal configurations.
ENVIRONMENTAL CHARACTERISTICS
Vibration Test (Condition B): No mechanical
damage, short, open or intermittent circuits.
Film Snubber Capacitors
Metal-Case, Paper/Polyester, Dielectric
Extended Foil Electrodes
600 WVDC / 370 VAC


Similar Part No. - 131P473X51K0S04

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
131P EXXELIA-131P Datasheet
1Mb / 8P
   Paper / Polyester Dielectric Extended Foil Electrodes
logo
Riedon Powertron
131PC RIEDON-131PC Datasheet
359Kb / 2P
   Precision Wirewound Resistors
131PC RIEDON-131PC Datasheet
318Kb / 2P
   Precision Wirewound Resistors
131PC RIEDON-131PC Datasheet
318Kb / 2P
   Precision Wirewound Resistors
More results

Similar Description - 131P473X51K0S04

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
132P EXXELIA-132P Datasheet
1Mb / 8P
   Paper / Polyester Dielectric Extended Foil Electrodes
131P EXXELIA-131P Datasheet
1Mb / 8P
   Paper / Polyester Dielectric Extended Foil Electrodes
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
Vishay Siliconix
103P VISHAY-103P Datasheet
83Kb / 2P
   Paper Capacitors Metal Case, Film/Foil, 10 Ampere Thru-Pass, Subminiature
Revision 17-Nov-03
logo
List of Unclassifed Man...
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
SCR CDE-SCR Datasheet
269Kb / 4P
   Type SCRN Film-Paper/Extended Foil Commutating Capacitor
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com