Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3244E Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3244E
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3244E Datasheet(HTML) 3 Page - Sipex Corporation

  SP3244E Datasheet HTML 1Page - Sipex Corporation SP3244E Datasheet HTML 2Page - Sipex Corporation SP3244E Datasheet HTML 3Page - Sipex Corporation SP3244E Datasheet HTML 4Page - Sipex Corporation SP3244E Datasheet HTML 5Page - Sipex Corporation SP3244E Datasheet HTML 6Page - Sipex Corporation SP3244E Datasheet HTML 7Page - Sipex Corporation SP3244E Datasheet HTML 8Page - Sipex Corporation SP3244E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
Rev M 10/9/06
SP3244E-SP3245E, 3.0V to 5.5V RS-232 Transceivers with Auto On-Line® Plus
© Copyright 2006 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Vcc).......................-0.3V to + 6.0V
V+ (Note 1)......................................-0.3V to + 7.0V
V- (Note 1).......................................+0.3V to - 7.0V
|V+| + |V-| .......................................................+13V
Input voltage at TTL input pin.. -0.3V toVCC +0.3V
RxIN..............................................................+/-18V
Driver output (from Ground)...................... +/-13.2V
RxOUT, STATUS.....................-0.3V to VCC + 0.3V
Short Circuit Duration, TxOUT to GND, Continuous
(One output at a time maximum)
Storage Temperature.....................-65°C to +150°C
Operating Temperature SP324XECX................0°Cto+70°C
Operating Temperature SP324XEEX...........-40°C to +85°C
Lead Temperature (soldering, 10s)..............+300°C
SSOP-28,
øJA = 67.1ºC/W
TSSOP-28,
øJA = 83.6ºC/W
QFN- 32,
øJA= 22.4ºC/W
These are stress ratings only and functional
operation of the device at these ratings or
any other above those indicated in the opera-
tion sections of the specifications below is not
implied. Exposure to absolute maximum rating
conditions for extended periods of time may
affect reliability.
NOTE 1: V+ and V- can have maximum
magnitudes of 7V, but their absolute difference
cannot exceed 13V.
ELECTRICAL CHARACTERISTICS
PIN ASSIGNMENTS
Unless otherwise noted VCC = +3.0V to +5.5V, TAMB = TMIN to TMAX, C1–C4 = 0.1µF.
Typical values are at TAMB = +25°C, VCC = 3.3V.
PARAMETERS
SYMB
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC CHARACTERISTICS
Supply Current,
Auto On-Line® Plus
ICC3
Receivers idle, TxIN = Vcc or GND,
ONLINE = GND, SHUTDOWN = Vcc
Note 1
1
10
µA
Supply Current, Shutdown
ICC2
SHUTDOWN = GND
1
10
µA
Supply Current, Active
ICC1
ONLINE = SHUTDOWN = Vcc, No
Load
1
5
mA
Driver Input and Logic Input Pins:
Logic
Input
Voltage
High
VIH
Vcc = 3.3V
2
V
Vcc = 5.0V
2.4
Low
VIL
0.8
Logic Threshold
VT
1.5
Logic Input Leakage Current
IIL
0.01
±1.0
µA
Logic Input Hysteresis
VHYS
100
mV
Receiver Outputs and STATUS Output
Receiver Output Voltage Low
VOL
IOUT = -1.6mA
0.4
V
Receiver Output Voltage High
VOH
IOUT = 1mA
VCC
-0.6
V
Receiver Output Leakage Current
IOZ
Receivers disabled.
0.4V < VO < 5.5V
±0.02
±1
µA
Note 1: Characterized, not 100% tested.


Similar Part No. - SP3244E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3243 SIPEX-SP3243 Datasheet
165Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243 SIPEX-SP3243 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3243B SIPEX-SP3243B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243BCA SIPEX-SP3243BCA Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243BCR SIPEX-SP3243BCR Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3244E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3224E SIPEX-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com