Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG390B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG390B
Description  CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG390B Datasheet(HTML) 1 Page - Vishay Siliconix

  DG390B Datasheet HTML 1Page - Vishay Siliconix DG390B Datasheet HTML 2Page - Vishay Siliconix DG390B Datasheet HTML 3Page - Vishay Siliconix DG390B Datasheet HTML 4Page - Vishay Siliconix DG390B Datasheet HTML 5Page - Vishay Siliconix DG390B Datasheet HTML 6Page - Vishay Siliconix DG390B Datasheet HTML 7Page - Vishay Siliconix DG390B Datasheet HTML 8Page - Vishay Siliconix DG390B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
S1
S2
D1
D2
NC
NC
NC
NC
IN1
V–
V+
IN2
NC
GND
Plastic Dip
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
DG381B
DG381B/384B/387B/390B
Vishay Siliconix
Document Number: 71404
S-02968—Rev. A, 22-Jan-01
www.vishay.com
1
CMOS Analog Switches
FEATURES
BENEFITS
APPLICATIONS
D "15-V Input Range
D Low rDS(on): 30 W
D Single Supply Operation
D Pin and Function Compatible with the
JFET DG180 Family
D Full Rail-to-Rail Analog Signal Range
D Minimizes Signal Error
D Low Power Dissipation
D Low Level Switching Circuits
D Programmable Gain Amplifiers
D Portable and Battery Powered
Sytems
DESCRIPTION
The DG381B–DG390B series of monolithic CMOS analog
switches was designed for applications in instrumentation,
communications, and process control. This series is suited for
applications
requiring
fast
switching
and
nearly
flat
on-resistance over the entire voltage range.
Designed on Vishay Siliconix’ PLUS-40 CMOS process,
these devices achieve low power consumption (3.5 mW
typical) and excellent on/off switch performance. These
switches are ideal for battery powered applications, without
sacrificing switching speed. Break-before-make switching
action is guaranteed, and an epitaxial layer prevents latchup.
Single supply operation is allowed by connecting the V– rail to
0 V.
Each switch conducts equally well in both directions when on,
and blocks up to the supply voltage when off. These switches
are CMOS and quasi TTL logic compatible.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
Switch
0
ON
1
OFF
Logic “0”
v 0.8 V
Logic “1”
w 4 V


Similar Part No. - DG390B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG390B VISHAY-DG390B Datasheet
68Kb / 9P
   CMOS Analog Switches
18-Jul-08
DG390BDJ VISHAY-DG390BDJ Datasheet
68Kb / 9P
   CMOS Analog Switches
18-Jul-08
logo
Maxim Integrated Produc...
DG390BK MAXIM-DG390BK Datasheet
296Kb / 8P
   General Purpose CMOS Analog Switches
1995
DG390BWE MAXIM-DG390BWE Datasheet
296Kb / 8P
   General Purpose CMOS Analog Switches
1995
More results

Similar Description - DG390B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com