Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA221 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSA221
Description  USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA221 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSA221 Datasheet HTML 1Page - Fairchild Semiconductor FSA221 Datasheet HTML 2Page - Fairchild Semiconductor FSA221 Datasheet HTML 3Page - Fairchild Semiconductor FSA221 Datasheet HTML 4Page - Fairchild Semiconductor FSA221 Datasheet HTML 5Page - Fairchild Semiconductor FSA221 Datasheet HTML 6Page - Fairchild Semiconductor FSA221 Datasheet HTML 7Page - Fairchild Semiconductor FSA221 Datasheet HTML 8Page - Fairchild Semiconductor FSA221 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA221 Rev. 1.0.3
4
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed.
The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics
tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines
the conditions for actual device operation.
Symbol
Parameter
Conditions
VAudio
Supply Voltage
-0.5V to 6.0V
Vbus
Supply Voltage
-0.5V to 6.0V
R, L Pins
(Vaudio- 7.0V) to (Vaudio+ 0.3V)
VSW
Switch I/O Voltage
(3)
D+, D-, D+/R, D-/L Pins
(Vbus- 7.0V) to (Vbus+ 0.3V)
ASel
Control Input Voltage
(3)
-0.5V to + 6.0V
IIK
Input Clamp Diode Current
- 50mA
USB
50mA
ISW
Switch I/O Current (Continuous)
Audio
50mA
USB
100mA
ISWPEAK
Peak Switch Current (Pulsed at 1ms
Duration, <10% Duty Cycle)
Audio
100mA
TSTG
Storage Temperature Range
-65
°C to +150°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
I/O to GND
7000
All Other Pins
7000
Human Body Model
(JEDEC: JESD22-A114)
VAudio Vbus to GND
12000
ESD
Charge Discharge Model (JEDEC-JESD-C101)
2000
Notes:
3.
The input and output negative ratings may be exceeded if the input and output diode current ratings are
observed.
Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications.
Fairchild does not recommend exceeding or designing to Absolute Maximum Ratings.
Symbol
Parameter
Minimum
Maximum
VAudio
Supply Voltage
3.0V
3.6V
Vbus
Supply Voltage
4.25V
5.5V
ASel
Control Input Voltage
0V
VAudio
VAudio - 6.5V
VAudio – 0.3V
VSW
Switch I/O Voltage
Vbus - 6.5V
Vbus
TA
Operating Temperature
-40ºC
85ºC
θJA
Thermal Resistance (free air)
MicroPak 10L
package
330ºC / W (estimated)


Similar Part No. - FSA221

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA221 ONSEMI-FSA221 Datasheet
1Mb / 19P
   High-Speed Audio Switches
March 2013 Rev. 1.1.0
logo
Fairchild Semiconductor
FSA221L10X FAIRCHILD-FSA221L10X Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221L10X FAIRCHILD-FSA221L10X Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
More results

Similar Description - FSA221

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com