Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3313PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3313PBF
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3313PBF Datasheet(HTML) 1 Page - International Rectifier

  IR3313PBF Datasheet HTML 1Page - International Rectifier IR3313PBF Datasheet HTML 2Page - International Rectifier IR3313PBF Datasheet HTML 3Page - International Rectifier IR3313PBF Datasheet HTML 4Page - International Rectifier IR3313PBF Datasheet HTML 5Page - International Rectifier IR3313PBF Datasheet HTML 6Page - International Rectifier IR3313PBF Datasheet HTML 7Page - International Rectifier IR3313PBF Datasheet HTML 8Page - International Rectifier IR3313PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet No. PD60283
IR3313PbF
PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Features
Load current feedback
Programmable over current shutdown
n
to Vcc
wn
a fully protected 4 terminals high side
Active clamp
ESD protectio
Input referenced
Over temperature shutdo
Reverse battery protection
Description
The IR3313PbF is
switch. The input signal is referenced to Vcc. When the
input voltage Vcc - Vin is higher than the specified
threshold, the output power Mosfet is turned on. When the
Vcc - Vin is lower than the specified Vil threshold, the
output Mosfet is turned off. A current proportional to the
power Mosfet current is sourced to the Ifb pin. Over
current shutdown occurs when Vst-Vin > 4.5V. The current
shutdown threshold is adjusted by selecting the proper
RIfb. Either over current and over temperature latches off
the switch. The device is reset by pulling the input pin
high. Other integrated protections (ESD, reverse battery,
active clamp) make the switch very rugged in automotive
environment.
Product Summary
Rds(on)
7 m
Ω max.
Vcc op.
6 to 32V
Current Ratio
8800
Prog. Ishutdown
10 to 90A
Vclamp
40V
Packages
TO-220
IR3313PbF
Typical Connection
Out
IR3313
IN
Rifb
Vcc
Load
Battery
Input
Power
Ground
Ifb
Logic
Ground
Current feeback
10k
On
Off
www.irf.com
1


Similar Part No. - IR3313PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3313S IRF-IR3313S Datasheet
821Kb / 11P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313SPBF IRF-IR3313SPBF Datasheet
353Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313STRLPBF IRF-IR3313STRLPBF Datasheet
253Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
More results

Similar Description - IR3313PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIR3313 INFINEON-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
December, 10th 2010 revision F
logo
International Rectifier
IR3313STRLPBF IRF-IR3313STRLPBF Datasheet
253Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3314 INFINEON-AUIR3314 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2010 revision E
logo
International Rectifier
IR3313S IRF-IR3313S Datasheet
821Kb / 11P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3313 IRF-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3314 IRF-AUIR3314_15 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315_15 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313SPBF IRF-IR3313SPBF Datasheet
353Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
1441791 IRF-1441791 Datasheet
313Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com